データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA6142-5X データシート(PDF) 5 Page - Siemens Semiconductor Group

部品番号 TDA6142-5X
部品情報  FM-Demodulator for SAT TV with Switchable Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6142-5X データシート(HTML) 5 Page - Siemens Semiconductor Group

  TDA6142-5X Datasheet HTML 1Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 2Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 3Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 4Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 5Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 6Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 7Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 8Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Semiconductor Group
5
TDA 6142-5X
Circuit Description
The FM modulated satellite IF signal is fed to both low-ohm symmetrical inputs of the limiting
amplifier via a SAW filter with two symmetrical outputs and different bandwidths. With an external
DC voltage at pin 16 of the IF input selector, an IF-input-signal can be switched through the IF-
input 1 or IF-input 2. By high frequency blocking of the limiting amplifier's symmetrical inputs,
asymmetrical operation is also possible, but with increased noise. An external selection circuit in the
penultimate amplifier stage produces good selectivity of the limiting amplifier and thus provides a
better suppression of harmonics.
The output signal of the amplifier is fed to a divider, which splits the frequency into four. The signal
is then led to a quadrature demodulator, once directly, and once with phase shift produced by an
external phase-shifting circuit.
The demodulated video signal is amplified and is available at the video output. The polarity of this
signal can be inverted by a DC voltage applied from outside to the polarity reversal input.
The demodulated video signal is likewise used for AFC regulation. It is fed via a preamplifier to an
inverting OP amplifier at which an internal reference voltage is present. Any frequency offset
appears as a varying DC voltage, which can in turn be led to an external A/D converter. The AFC
S-curve and the amplification of the OPs can be adjusted via an external resistor.
The information for the field strength of the FM modulated satellite IF signal is present as DC voltage
at both the AGC output and the AGC low pass filter. A pot can be used to change the AGC
threshold. The IF stage of the satellite tuner , or a prestage, can be regulated via the AGC output by
amplification.


同様の部品番号 - TDA6142-5X

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TDA6142 SIEMENS-TDA6142 Datasheet
325Kb / 9P
   SAT - IF -DEMODULATOR
TDA6142X SIEMENS-TDA6142X Datasheet
325Kb / 9P
   SAT - IF -DEMODULATOR
More results

同様の説明 - TDA6142-5X

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
U2861B TEMIC-U2861B Datasheet
263Kb / 11P
   Mono FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
NXP Semiconductors
TDA8012M PHILIPS-TDA8012M Datasheet
94Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1996 Mar 26
TDA8012AM PHILIPS-TDA8012AM Datasheet
99Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1997 May 26
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
New Japan Radio
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
logo
NXP Semiconductors
TDA9821 PHILIPS-TDA9821 Datasheet
121Kb / 16P
   Dual channel TV FM intercarrier sound demodulator
1996 Nov 20
logo
New Japan Radio
NJM2550 NJRC-NJM2550 Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com