データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBD914 データシート(PDF) 1 Page - Micro Commercial Components

部品番号 MMBD914
部品情報  350mW 100 Volt Silicon Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD914 データシート(HTML) 1 Page - Micro Commercial Components

  MMBD914_13 Datasheet HTML 1Page - Micro Commercial Components MMBD914_13 Datasheet HTML 2Page - Micro Commercial Components MMBD914_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD914
350mW 100 Volt
Silicon Epitaxial Diode
SOT-23
Suggested Solder
Pad Layout
Features
Low Current Leakage
Halogen free available upon request by adding suffix "-HF"
Small Outline Surface Mount Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 357K/W Junction To Ambient
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
75V
Peak Reverse
Voltage
VRM
100V
Average Rectified
Current
IO
150mA
Resistive Load
f > 50Hz
Power Dissipation
PTOT
350mW
Junction
Temperature
TJ
175
°C
Peak Forward Surge
Current
IFSM
1.0A
t=1s,Non-Repetitive
Maximum
Instantaneous
Forward Voltage
VF
.855V
IFM = 10mA;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25nA
TJ = 25
°C
VR =20Volts
Typical Junction
Capacitance
CJ
2pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF=10mA
VR = 6V
RL=100
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A
B
C
D
E
F
G
H
J
5 D
C
A
Pin Configuration
Top View
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
1 of 3
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)


同様の部品番号 - MMBD914_13

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMBD914-13-F DIODES-MMBD914-13-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
MMBD914 BILIN-MMBD914_13 Datasheet
165Kb / 4P
   High-speed switching diode
More results

同様の説明 - MMBD914_13

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
MMBD914 MCC-MMBD914_11 Datasheet
172Kb / 3P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148 Datasheet
88Kb / 3P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD914 MCC-MMBD914 Datasheet
80Kb / 2P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD4148-TP MCC-MMBD4148-TP Datasheet
198Kb / 4P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148_11 Datasheet
162Kb / 4P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148_13 Datasheet
198Kb / 4P
   350mW 100 Volt Silicon Epitaxial Diode
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
   500mW 100 Volt Silicon Epitaxial Diode
1N4148 MCC-1N4148 Datasheet
78Kb / 3P
   500mW 100 Volt Silicon Epitaxial Diode
logo
Shanghai Lunsure Electr...
MMBD914 CHENYI-MMBD914 Datasheet
49Kb / 2P
   350mW 100volts silicon epitaxial diode
MMBD4148 CHENYI-MMBD4148 Datasheet
59Kb / 3P
   350mW 100volt silicon epitaxial diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com