データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OVTL01LGAX データシート(PDF) 9 Page - TT Electronics.

部品番号 OVTL01LGAX
部品情報  Lednium Series Optimal I
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGAX データシート(HTML) 9 Page - TT Electronics.

Back Button OVTL01LGAX Datasheet HTML 2Page - TT Electronics. OVTL01LGAX Datasheet HTML 3Page - TT Electronics. OVTL01LGAX Datasheet HTML 4Page - TT Electronics. OVTL01LGAX Datasheet HTML 5Page - TT Electronics. OVTL01LGAX Datasheet HTML 6Page - TT Electronics. OVTL01LGAX Datasheet HTML 7Page - TT Electronics. OVTL01LGAX Datasheet HTML 8Page - TT Electronics. OVTL01LGAX Datasheet HTML 9Page - TT Electronics. OVTL01LGAX Datasheet HTML 10Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B.8 3/09
Page 9 of 10
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
% Normalized Luminosity at
Junction Temperature (° C)
0
25
50
75
100
125
OVTLO1LGAA(S)
125
100
85
70
60
45
OVTLO1LGAB(S)
107
100
95
87
75
65
OVTLO1LGAG(S)
110
100
95
85
70
65
OVTLO1LGAR(S)
135
100
90
75
65
50
OVTLO1LGAW(S)
105
100
93
82
68
60
OPTEK
Part
Number
OVTLO1LGAWD(S)
105
100
93
82
68
60
OVTLO1LGAWW(S)
105
100
93
82
68
60
Luminosity normalized to TJ = 25° C
Lednium Series Optimal I
OVTL01LGA Series
Typical Electro-Optical Characteristics Curves
Solder Reflow Cycle
T
t
Junction Temperature °C
-
0
20
40
60
80
100 120
140
160
Luminosity normalized to TJ = 25° C
2.0
1.6
1.2
1.0
0.4
0.0
1.8
1.4
0.8
0.2
0.6


同様の部品番号 - OVTL01LGAX

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OVTL01LGAA OPTEK-OVTL01LGAA Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGAAS OPTEK-OVTL01LGAAS Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGAB OPTEK-OVTL01LGAB Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGABS OPTEK-OVTL01LGABS Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGAG OPTEK-OVTL01LGAG Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
More results

同様の説明 - OVTL01LGAX

メーカー部品番号データシート部品情報
logo
TT Electronics.
OVTL09LG3X TTELEC-OVTL09LG3X Datasheet
1Mb / 14P
   Lednium Series Optimal X
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
logo
TT Electronics.
OVTLZ1LGAB TTELEC-OVTLZ1LGAB Datasheet
215Kb / 1P
   Optimal I Star Series 1-watt LED on MCPCB
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
   Optimal cooling performance.
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
   Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
logo
List of Unclassifed Man...
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
   Optimal cooling performance
logo
Advanced Power Electron...
AP9922AGEO-HF A-POWER-AP9922AGEO-HF_14 Datasheet
57Kb / 4P
   Optimal DC/DC Battery Application
logo
TT Electronics.
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
   Optimal XIV Star Series White, Multi-LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com