データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTL42TG6NH213 データシート(PDF) 4 Page - Lite-On Technology Corporation

部品番号 LTL42TG6NH213
部品情報  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITEON [Lite-On Technology Corporation]
ホームページ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL42TG6NH213 データシート(HTML) 4 Page - Lite-On Technology Corporation

  LTL42TG6NH213 Datasheet HTML 1Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 2Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 3Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 4Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 5Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 6Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 7Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 8Page - Lite-On Technology Corporation LTL42TG6NH213 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
599
3000
6057
mcd
IF = 20mA
Note 1,5
Viewing Angle
1/2
45
deg
Note 2 (Fig.6)
Dominant Wavelength
λd
514
525
535
nm
Note 3
Spectral Line Half-Width
Δλ
35
nm
Forward Voltage
VF
3.5
4.0
V
IF = 20mA
Reverse Current
IR
100
μA
VR = 5V
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
4. The Iv guarantee should be added ±15% tolerance.
5. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse
operation.
Part No. : LTL42TG6NH213
Page :
3
of
10
BNS-OD-C131/A4


同様の部品番号 - LTL42TG6NH213

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTL42TG6N LITEON-LTL42TG6N Datasheet
445Kb / 11P
   Through Hole Lamp
LTL42TG6NJLCH240 LITEON-LTL42TG6NJLCH240 Datasheet
423Kb / 10P
   Through Hole Lamp
LTL42TG6NJLCH252 LITEON-LTL42TG6NJLCH252 Datasheet
445Kb / 10P
   Through Hole Lamp
LTL42TG6NJLCH61 LITEON-LTL42TG6NJLCH61 Datasheet
560Kb / 10P
   Through Hole Lamp
More results

同様の説明 - LTL42TG6NH213

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com