データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46127 データシート(PDF) 23 Page - Dialog Semiconductor

部品番号 SLG46127
部品情報  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 データシート(HTML) 23 Page - Dialog Semiconductor

Back Button SLG46127 Datasheet HTML 19Page - Dialog Semiconductor SLG46127 Datasheet HTML 20Page - Dialog Semiconductor SLG46127 Datasheet HTML 21Page - Dialog Semiconductor SLG46127 Datasheet HTML 22Page - Dialog Semiconductor SLG46127 Datasheet HTML 23Page - Dialog Semiconductor SLG46127 Datasheet HTML 24Page - Dialog Semiconductor SLG46127 Datasheet HTML 25Page - Dialog Semiconductor SLG46127 Datasheet HTML 26Page - Dialog Semiconductor SLG46127 Datasheet HTML 27Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
000-0046127-101
Page 22 of 87
SLG46127
8.0 Connection Matrix
The Connection Matrix in the SLG46127 is used to create the internal routing for internal functions of the device once it is
programmed. The registers are programmed from the one-time NVM cell during Test Mode Operation. All of the connection point
for each logic cell within the SLG46127 has a specific digital bit code assigned to it that is either set to active “High” or inactive
“Low” based on the design that is created. Once the 512 register bits within the SLG46127 are programmed a fully custom circuit
will be created.
The Connection Matrix has 32 inputs and 44 outputs. Each of the 32 inputs to the Connection Matrix is hard-wired to a particular
source macrocell, including I/O pins, LUTs, analog comparators, other digital resources and VDD and VSS. The input to a digital
macrocell uses a 5-bit register to select one of these 32 input lines.
For a complete list of the SLG46127’s register table, see Section 19.0 Appendix A - SLG46127 Register Definition.
Figure 6. Connection Matrix
Figure 7. Connection Matrix Example
VSS
0
Pin 13 Digital In
1
Pin 14 Digital In
2
Pin 1 Digital In
3
Matrix Input Signal
Functions
N
PIN11 Digital In
30
VDD
31
N
Function
Registers
43
PIN11 Digital Output
Source
reg <219:215>
0
PIN14 Digital Output
Source
reg <4:0>
1
PIN1Digital Output
Source
reg <9:5>
2
PIN2 Digital Output
Source
reg <14:10>
Matrix Inputs
Matrix Outputs
Pin 13
Pin 14
Pin 10
Connection Matrix
LUT
Pin 14
Pin 13
LUT
Pin 10
Function


同様の部品番号 - SLG46127

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

同様の説明 - SLG46127

メーカー部品番号データシート部品情報
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com