データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46140 データシート(PDF) 22 Page - Dialog Semiconductor

部品番号 SLG46140
部品情報  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 データシート(HTML) 22 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 18Page - Dialog Semiconductor SLG46140 Datasheet HTML 19Page - Dialog Semiconductor SLG46140 Datasheet HTML 20Page - Dialog Semiconductor SLG46140 Datasheet HTML 21Page - Dialog Semiconductor SLG46140 Datasheet HTML 22Page - Dialog Semiconductor SLG46140 Datasheet HTML 23Page - Dialog Semiconductor SLG46140 Datasheet HTML 24Page - Dialog Semiconductor SLG46140 Datasheet HTML 25Page - Dialog Semiconductor SLG46140 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 170 page
background image
000-0046140-109
Page 21 of 169
SLG46140
5.7.2 2 MHz RC Oscillator
Table 5. 2 MHz RC OSC frequency limits
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Minimum
Value, MHz
Maximum
Value, MHz
Minimum
Value, MHz
Maximum
Value, MHz
Minimum
Value, MHz
Maximum
Value, MHz
1.8 V ±5%
1.953
2.028
1.894
2.060
1.866
2.121
3.3 V ±10%
1.972
2.031
1.928
2.075
1.832
2.095
5 V ±10%
1.944
2.173
1.905
2.200
1.802
2.200
2.5 V - 4.5 V
1.924
2.069
1.884
2.106
1.783
2.106
1.71 V….5.5 V
1.832
2.180
1.782
2.191
1.782
2.209
Table 6. 2 MHz RC OSC frequency error (error calculated relative to nominal value)
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
1.8 V ±5%
-2.36%
1.38%
-5.29%
3.02%
-6.69%
6.04%
3.3 V ±10%
-1.40%
1.57%
-3.59%
3.76%
-8.38%
4.76%
5 V ±10%
-2.82%
8.64%
-4.77%
10.00%
-9.88%
10.00%
2.5 V - 4.5 V
-3.82%
3.46%
-5.80%
5.30%
-10.86%
5.30%
1.71 V….5.5 V
-8.43%
9.02%
-10.89%
9.56%
-10.89%
10.45%


同様の部品番号 - SLG46140

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

同様の説明 - SLG46140

メーカー部品番号データシート部品情報
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com