データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46400 データシート(PDF) 52 Page - Dialog Semiconductor

部品番号 SLG46400
部品情報  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 データシート(HTML) 52 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 48Page - Dialog Semiconductor SLG46400 Datasheet HTML 49Page - Dialog Semiconductor SLG46400 Datasheet HTML 50Page - Dialog Semiconductor SLG46400 Datasheet HTML 51Page - Dialog Semiconductor SLG46400 Datasheet HTML 52Page - Dialog Semiconductor SLG46400 Datasheet HTML 53Page - Dialog Semiconductor SLG46400 Datasheet HTML 54Page - Dialog Semiconductor SLG46400 Datasheet HTML 55Page - Dialog Semiconductor SLG46400 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
000-0046400-109
Page 46 of 89
SLG46400
13.9 CNT3 as a Finite State Machine (FSM1)
CNT3 can be used as a 8-bit Finite State Machine, which has features for UP/DOWN/KEEP control and loading data select.
When UP/DOWN = “1“: CNT3 is in up-counting mode, after POR or reset, the Q value will count from 0 to 255, then the N
is loaded (d <13:0>) and the Q value count from loaded data N to 255. When Q is equal to 255, OUT generates a single
clock cycle pulse as shown in Figure (FSM Behavior).
When UP/DOWN = ”0”: CNT3 is in down-counting mode, the Q value will count from the loaded data value of N (based on
reg<667:660> + 1) to ”0”. When Q is equal to 0, OUT generates a single clock cycle pulse as shown in Figure (FSM Behavior).
When KEEP = ”1”: Q will stay at its current value.
When DLY IN has a transition (edge mode is dependent on reg<669:668>), a narrow pulse signal will be generated which
will reset the CNT3 state to “0”.
For FSM operation, the Reset Source (rst_src_sel) should be set to Edge Detect in Counter Mode and user will be able to
select rising, falling, or both edge (if resetting is needed), or tie reset input to ground (if resetting is not needed).
LOAD function is synchronous to Counter’s clock signal. For LOAD event to happen there should be a rising edge on the
clock input of the FSM and LOAD node should be HIGH.
13.10 FSM1 (CNT3) Functional Diagram
Figure 20. FSM1 (CNT3) Functional Diagram
Figure 21. FSM1 Behavior
FSM1
(CNT3)
Counter2_end
CLK_IN
LOAD
UP/DOWN
DLY IN
From Connection Matrix output <16>
OUT
Q<7:0>
KEEP
01
00
ADC <7:0>
11
10
S2P<7:0>
reg <754:753>
To Connection
Matrix input <32>
From Connection Matrix output <17>
From Connection Matrix output <21>
From Connection Matrix output <15>
rst_src_sel
output_src_sel
CNT3_force
clk_is
in2_edge_mode_sel
reg <669:668>
reg <659:657>
reg <655>
reg <656>
reg <654>
reg <667:660>
d<7:0>
Q4ADC <7:0>
To ADC
reg <667:660>
DATA
IN
* :
$%
< 658 7
11
I
1
1
11
> >
> >
I
I
* :
$%
< 658 7
1


同様の部品番号 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

同様の説明 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com