データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46400 データシート(PDF) 32 Page - Dialog Semiconductor

部品番号 SLG46400
部品情報  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 データシート(HTML) 32 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 28Page - Dialog Semiconductor SLG46400 Datasheet HTML 29Page - Dialog Semiconductor SLG46400 Datasheet HTML 30Page - Dialog Semiconductor SLG46400 Datasheet HTML 31Page - Dialog Semiconductor SLG46400 Datasheet HTML 32Page - Dialog Semiconductor SLG46400 Datasheet HTML 33Page - Dialog Semiconductor SLG46400 Datasheet HTML 34Page - Dialog Semiconductor SLG46400 Datasheet HTML 35Page - Dialog Semiconductor SLG46400 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
000-0046400-109
Page 26 of 89
SLG46400
10.0 Analog Comparator (ACMP)
There are two Analog Comparator (ACMP) macro cells in the SLG46400. In order for the ACMP cells to be used in a GreenPAK
design the power up signals (PWR UP) need to be active. These signals should be HIGH to turn on the ACMP and LOW to turn
it off and each ACMP can be powered seperately.
When ACMP is powered down, output is low.
Each of the two ACMP cells has a negative input signal that is either created from an internal reference voltage (VREF) or provided
by way of the external sources.
10.1 ACMP0 Input Modes
ACMP0’s positive input (IN+) can be connected to PIN3, PIN4, ADC/PGA OUT or IN by setting reg <735> and by the
ACMP0_PGA_en
signal, reg<739>. The negative input (IN-) of the ACMP0 cell can come from the internal VREF macro cell which
will generate a 50mV to 1.5V signal (only when VDD > 3.0V), a 30mV to 1.0V signal, or from an external voltage source that is
placed on PIN 11. Selection is made using a 4-bit value from NVM (reg<725:722>) and the VREF band select (reg<736>).


同様の部品番号 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

同様の説明 - SLG46400

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com