データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG46535 データシート(PDF) 16 Page - Dialog Semiconductor

部品番号 SLG46535
部品情報  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46535 データシート(HTML) 16 Page - Dialog Semiconductor

Back Button SLG46535 Datasheet HTML 12Page - Dialog Semiconductor SLG46535 Datasheet HTML 13Page - Dialog Semiconductor SLG46535 Datasheet HTML 14Page - Dialog Semiconductor SLG46535 Datasheet HTML 15Page - Dialog Semiconductor SLG46535 Datasheet HTML 16Page - Dialog Semiconductor SLG46535 Datasheet HTML 17Page - Dialog Semiconductor SLG46535 Datasheet HTML 18Page - Dialog Semiconductor SLG46535 Datasheet HTML 19Page - Dialog Semiconductor SLG46535 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 185 page
background image
SLG46535_DS_106
Page 15 of 184
SLG46535
IOL2
LOW-Level Output Pulse
Current (see Note 1)
PIN 10, 12, 13, 14
Push-Pull, VOL = 0.15 V, 1X Drive,
VDD2 = 1.8 V
0.92
1.69
--
mA
Push-Pull, VOL = 0.15 V, 2X Drive,
VDD2 = 1.8 V
1.83
3.38
--
mA
Open Drain, VOL = 0.15 V, 1X Drive,
VDD2 = 1.8 V
1.38
2.53
--
mA
Open Drain, VOL = 0.15 V, 2X Drive,
VDD2 = 1.8 V
2.75
5.07
--
mA
Open Drain, VOL = 0.15 V, 4X Drive,
VDD2 = 1.8 V
5.50
10.14
--
mA
VIH2
HIGH-Level Input Voltage
PIN 10, 12, 13, 14
Logic Input, VDD2 = 3.3 V
1.81
--
VDD
V
Logic Input with Schmitt Trigger,
VDD2 = 3.3 V
2.14
--
VDD
V
Low-Level Logic Input, VDD2 = 3.3 V
1.06
--
VDD
V
VIL2
LOW-Level Input Voltage
PIN 10, 12, 13, 14
Logic Input, VDD2 = 3.3 V
0
--
1.31
V
Logic Input with Schmitt Trigger,
VDD2 = 3.3 V
0--
0.97
V
Low-Level Logic Input, VDD2 = 3.3 V
0
--
0.67
V
VOH2
HIGH-Level Output Voltage
PIN 10, 12, 13, 14
Push-Pull, IOH = 3 mA, 1X Drive,
VDD2 = 3.3 V
2.70
3.12
--
V
PMOS OD, IOH = 3 mA, 1X Drive,
VDD2 = 3.3 V
2.70
3.12
--
V
Push-Pull, IOH = 3 mA, 2X Drive,
VDD2 = 3.3 V
2.85
3.21
--
V
PMOS OD, IOH = 3 mA, 2X Drive,
VDD2 = 3.3 V
2.86
3.21
--
V
VOL2
LOW-Level Output Voltage
PIN 10, 12, 13, 14
Push-Pull, IOL= 3 mA, 1X Drive,
VDD2 = 3.3 V
--
0.13
0.23
V
Push-Pull, IOL = 3 mA, 2X Drive,
VDD2 = 3.3 V
--
0.06
0.11
V
Open Drain, IOL = 3 mA, 1X Drive,
VDD2 = 3.3 V
--
0.08
0.15
V
Open Drain, IOL = 3 mA, 2X Drive,
VDD2 = 3.3 V
--
0.04
0.08
V
IOH2
HIGH-Level Output Current
PIN 10, 12, 13, 14
Push-Pull, VOH = 2.4 V, 1X Drive,
VDD2 = 3.3 V
6.05
12.08
--
mA
PMOS OD, VOH = 2.4 V, 1X Drive,
VDD2 = 3.3 V
6.05
12.08
--
mA
Push-Pull, VOH = 2.4 V, 2X Drive,
VDD2 = 3.3 V
11.54
24.16
--
mA
PMOS OD, VOH = 2.4 V, 2X Drive,
VDD2 = 3.3 V
11.52
24.16
--
mA
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit


同様の部品番号 - SLG46535

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535V RENESAS-SLG46535V Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535VTR RENESAS-SLG46535VTR Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
More results

同様の説明 - SLG46535

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com