データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACSC56-41QBWA-D-F01 データシート(PDF) 3 Page - Kingbright Corporation

部品番号 ACSC56-41QBWA-D-F01
部品情報  Surface Mount Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACSC56-41QBWA-D-F01 データシート(HTML) 3 Page - Kingbright Corporation

  ACSC56-41QBWA-D-F01 Datasheet HTML 1Page - Kingbright Corporation ACSC56-41QBWA-D-F01 Datasheet HTML 2Page - Kingbright Corporation ACSC56-41QBWA-D-F01 Datasheet HTML 3Page - Kingbright Corporation ACSC56-41QBWA-D-F01 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAJ8921 / 1351000645 Rev No: V.7B Date: 06/30/2017
Page 3 / 4
TECHNICAL DATA
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Blue
Wavelength (nm)
RELATIVE INTENSITY vs. WAVELENGTH
BLUE
TAPE SPECIFICATIONS (units: mm)
REEL DIMENSION (units: mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
ACSC56-41QBWA/D-F01
0
5
10
15
20
2.0
2.4
2.8
3.2
3.6
4.0
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20
406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20 406080 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.


同様の部品番号 - ACSC56-41QBWA-D-F01

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
ACSC56-41CGKWA-F01 KINGBRIGHT-ACSC56-41CGKWA-F01 Datasheet
290Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC56-41CGKWA-F01 KINGBRIGHT-ACSC56-41CGKWA-F01_15 Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC56-41PBWA-A-F01 KINGBRIGHT-ACSC56-41PBWA-A-F01 Datasheet
292Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC56-41SEKWA-F01 KINGBRIGHT-ACSC56-41SEKWA-F01 Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC56-41SEKWA-F01 KINGBRIGHT-ACSC56-41SEKWA-F01_15 Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
More results

同様の説明 - ACSC56-41QBWA-D-F01

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
   SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
   SURFACE MOUNT DISPLAY
logo
Kingbright Corporation
ACPSC04-41SGWA KINGBRIGHT-ACPSC04-41SGWA Datasheet
306Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC02-41PBWA KINGBRIGHT-ACSC02-41PBWA Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
   SURFACE MOUNT DISPLAY
ACPSA04-41SRWA KINGBRIGHT-ACPSA04-41SRWA Datasheet
203Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41PBWA KINGBRIGHT-ACSA03-41PBWA Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA08-51PBWA-A KINGBRIGHT-ACSA08-51PBWA-A Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA04-41SURKWA-F01 KINGBRIGHT-ACSA04-41SURKWA-F01 Datasheet
194Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41CGKWA-F01 KINGBRIGHT-ACSA03-41CGKWA-F01 Datasheet
192Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com