データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APHB1608ZGKSURKC データシート(PDF) 2 Page - Kingbright Corporation

部品番号 APHB1608ZGKSURKC
部品情報  1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHB1608ZGKSURKC データシート(HTML) 2 Page - Kingbright Corporation

  APHB1608ZGKSURKC Datasheet HTML 1Page - Kingbright Corporation APHB1608ZGKSURKC Datasheet HTML 2Page - Kingbright Corporation APHB1608ZGKSURKC Datasheet HTML 3Page - Kingbright Corporation APHB1608ZGKSURKC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAM9277 / 1203013494 Rev No: V.3A Date: 07/04/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APHB1608ZGKSURKC
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Green
Hyper Red
515
645
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Green
Hyper Red
525
630
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Green
Hyper Red
35
28
-
nm
Capacitance
C
Green
Hyper Red
45
35
-
pF
Forward Voltage IF = 20mA
VF
[2]
Green
Hyper Red
3.3
1.95
4.1
2.5
V
Reverse Current (VR = 5V)
IR
Green
Hyper Red
-
50
10
uA
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Parameter
Symbol
Value
Unit
Green
Hyper Red
Power Dissipation
PD
102.5
75
mW
Reverse Voltage
VR
5
5
V
Junction Temperature
Tj
115
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
25
30
mA
Peak Forward Current
IFM
[1]
150
185
mA
Electrostatic Discharge Threshold (HBM)
-
450
3000
V
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.


同様の部品番号 - APHB1608ZGKSURKC

メーカー部品番号データシート部品情報
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608ZGKSURKC TO-GRACE-APHB1608ZGKSURKC Datasheet
968Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results

同様の説明 - APHB1608ZGKSURKC

メーカー部品番号データシート部品情報
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608LSYKSURKC TO-GRACE-APHB1608LSYKSURKC Datasheet
918Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LQBDCGKC TO-GRACE-APHB1608LQBDCGKC Datasheet
913Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LCGKSYKC TO-GRACE-APHB1608LCGKSYKC Datasheet
946Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608QBDSYKC TO-GRACE-APHB1608QBDSYKC Datasheet
918Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608ZGKSURKC TO-GRACE-APHB1608ZGKSURKC Datasheet
968Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
Kingbright Corporation
APHB1608QBDSURKC KINGBRIGHT-APHB1608QBDSURKC Datasheet
317Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608QBDSYKC KINGBRIGHT-APHB1608QBDSYKC Datasheet
300Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
KPHB-1608SGEC-GX TO-GRACE-KPHB-1608SGEC-GX Datasheet
965Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
Kingbright Corporation
APHB1608LG3R2C-AMT KINGBRIGHT-APHB1608LG3R2C-AMT Datasheet
550Kb / 6P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
Rev No: V.2A Date: 03/22/2023
APHB1608CGKSEKC KINGBRIGHT-APHB1608CGKSEKC Datasheet
300Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608CGKSURKC TO-GRACE-APHB1608CGKSURKC Datasheet
974Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com