データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD670KP データシート(PDF) 4 Page - Analog Devices

部品番号 AD670KP
部品情報  Low Cost Signal Conditioning 8-Bit ADC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD670KP データシート(HTML) 4 Page - Analog Devices

  AD670KP Datasheet HTML 1Page - Analog Devices AD670KP Datasheet HTML 2Page - Analog Devices AD670KP Datasheet HTML 3Page - Analog Devices AD670KP Datasheet HTML 4Page - Analog Devices AD670KP Datasheet HTML 5Page - Analog Devices AD670KP Datasheet HTML 6Page - Analog Devices AD670KP Datasheet HTML 7Page - Analog Devices AD670KP Datasheet HTML 8Page - Analog Devices AD670KP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Model
AD670A
AD670B
AD670S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OPERATING TEMPERATURE RANGE
–40
+85
–40
+85
–55
+125
°C
RESOLUTION
8
8
8
Bit
CONVERSION TIME
10
10
10
µs
RELATIVE ACCURACY
1/2
1/4
1/2
LSB
TMIN to TMAX
1/2
1/2
1
LSB
DIFFERENTIAL LINEARITY ERROR
1
TMIN to TMAX
GUARANTEED NO MISSING CODES ALL GRADES
GAIN ACCURACY
@ +25
°C
1.5
0.75
1.5
LSB
TMIN to TMAX
2.5
1.5
2.5
LSB
UNIPOLAR ZERO ERROR
@ +25
°C
1.0
0.5
1.0
LSB
TMIN to TMAX
2.0
1.0
2.0
LSB
BIPOLAR ZERO ERROR
@ +25
°C
1.0
0.5
1.0
LSB
TMIN to TMAX
2.0
1.0
2.0
LSB
ANALOG INPUT RANGES
DIFFERENTIAL ( –VIN to +VIN)
Low Range
0 to +255
0 to +255
0 to +255
mV
–128 to +127
–128 to +127
–128 to +127
mV
High Range
0 to +2.55
0 to +2.55
0 to +2.55
V
–1.28 to +1.27
–1.28 to +1.27
–1.28 to +1.27
V
ABSOLUTE (Inputs to Power GND)
Low Range TMIN to TMAX
–0.150
VCC – 3.5 –0.150
VCC – 3.5 –0.150
VCC – 3.5 V
High Range TMIN to TMAX
–1.50
VCC
–1.50
VCC
–1.50
VCC
V
BIAS CURRENT (255 mV RANGE)
TMIN to TMAX
200
500
200
500
200
750
nA
OFFSET CURRENT (255 mV RANGE)
TMIN to TMAX
40
200
40
200
40
200
nA
2.55 V RANGE INPUT RESISTANCE
8.0
12.0
8.0
12.0
8.0
12.0
k
2.55 V RANGE FULL-SCALE MATCH
+ AND – INPUT
±1/2
±1/2
±1/2
LSB
COMMON-MODE REJECTION
RATIO (255 mV RANGE)
11
1
LSB
COMMON-MODE REJECTION
RATIO (2.55 V RANGE)
1
1
1
LSB
POWER SUPPLY
Operating Range
4.5
5.5
4.5
5.5
4.75
5.5
V
Current ICC
30
45
30
45
30
45
mA
Rejection Ratio TMIN to TMAX
0.015
0.015
0.015
% of FS/%
DIGITAL OUTPUTS
SINK CURRENT (VOUT = 0.4 V)
TMIN to TMAX
1.6
1.6
1.6
mA
SOURCE CURRENT (VOUT = 2.4 V)
TMIN to TMAX
0.5
0.5
0.5
mA
THREE-STATE LEAKAGE CURRENT
40
40
40
µA
OUTPUT CAPACITANCE
5
5
5
pF
DIGITAL INPUT VOLTAGE
VINL
0.8
0.8
0.7
V
VINH
2.0
2.0
2.0
V
DIGITAL INPUT CURRENT
(0
≤ V
IN ≤ +5 V)
IINL
–100
–100
–100
µA
IINH
+100
+100
+ 100
µA
INPUT CAPACITANCE
10
10
10
pF
NOTES
1Tested at V
CC = 4.5 V, 5.0 V and 5.5 V for A, B grades; 4.75 V, 5.0 V and 5.5 V for S grade.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications
are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
AD670
REV. A
–3–


同様の部品番号 - AD670KP

メーカー部品番号データシート部品情報
logo
Analog Devices
AD670KP AD-AD670KP Datasheet
364Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
More results

同様の説明 - AD670KP

メーカー部品番号データシート部品情報
logo
Analog Devices
AD670 AD-AD670_15 Datasheet
366Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670 AD-AD670 Datasheet
364Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
   Signal Conditioning ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com