データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP249GSZ-REEL データシート(PDF) 8 Page - Analog Devices

部品番号 OP249GSZ-REEL
部品情報  Precision JFET, High Speed, Dual Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP249GSZ-REEL データシート(HTML) 8 Page - Analog Devices

Back Button OP249GSZ-REEL Datasheet HTML 4Page - Analog Devices OP249GSZ-REEL Datasheet HTML 5Page - Analog Devices OP249GSZ-REEL Datasheet HTML 6Page - Analog Devices OP249GSZ-REEL Datasheet HTML 7Page - Analog Devices OP249GSZ-REEL Datasheet HTML 8Page - Analog Devices OP249GSZ-REEL Datasheet HTML 9Page - Analog Devices OP249GSZ-REEL Datasheet HTML 10Page - Analog Devices OP249GSZ-REEL Datasheet HTML 11Page - Analog Devices OP249GSZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
OP249
Rev. I | Page 7 of 18
TYPICAL PERFORMANCE CHARACTERISTICS
120
100
80
60
40
20
0
–20
0
45
90
135
180
225
TA = 25°C
VS = ±15V
RL = 2kΩ
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
GAIN
PHASE
Θm = 55
Figure 6. Open-Loop Gain, Phase vs. Frequency
65
60
45
55
50
10
8
2
6
4
VS = ±15V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
GBW
Θm
Figure 7. Phase Margin, Gain Bandwidth Product vs. Temperature
140
120
100
80
60
40
20
0
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
Figure 8. Common-Mode Rejection vs. Frequency
120
100
80
60
40
20
0
TA = 25°C
VS = ±15V
+PSRR
–PSRR
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
Figure 9. Power Supply Rejection vs. Frequency
28
26
24
–SR
22
20
18
16
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
+SR
VS = ±15V
RL = 2kΩ
CL = 50pF
Figure 10. Slew Rate vs. Temperature
28
26
24
22
20
18
16
DIFFERENTIAL INPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
TA = 25°C
VS = ±15V
RL = 2kΩ
Figure 11. Slew Rate vs. Differential Input Voltage


同様の部品番号 - OP249GSZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
OP249GSZ-REEL AD-OP249GSZ-REEL Datasheet
567Kb / 20P
   Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249GSZ-REEL AD-OP249GSZ-REEL Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
OP249GSZ-REEL7 AD-OP249GSZ-REEL7 Datasheet
567Kb / 20P
   Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249GSZ-REEL7 AD-OP249GSZ-REEL7 Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
More results

同様の説明 - OP249GSZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
OP249 AD-OP249_15 Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
OP249 AD-OP249 Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
OP249 AD-OP249_07 Datasheet
567Kb / 20P
   Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249AZ AD-OP249AZ Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
   High Speed, Precision JFET Input Operational Amplifier?
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
LT1022 LINER-LT1022_15 Datasheet
166Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com