データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSB14AA1PFB データシート(PDF) 7 Page - Texas Instruments

部品番号 TSB14AA1PFB
部品情報  3.3 V IEEE 1394-1995 BACKPLANE PHY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSB14AA1PFB データシート(HTML) 7 Page - Texas Instruments

Back Button TSB14AA1PFB Datasheet HTML 3Page - Texas Instruments TSB14AA1PFB Datasheet HTML 4Page - Texas Instruments TSB14AA1PFB Datasheet HTML 5Page - Texas Instruments TSB14AA1PFB Datasheet HTML 6Page - Texas Instruments TSB14AA1PFB Datasheet HTML 7Page - Texas Instruments TSB14AA1PFB Datasheet HTML 8Page - Texas Instruments TSB14AA1PFB Datasheet HTML 9Page - Texas Instruments TSB14AA1PFB Datasheet HTML 10Page - Texas Instruments TSB14AA1PFB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
1–2
1.2
Features
Provides a Backplane 1394 Environment That Supports an Asynchronous Transfer Rate of 50 or
100 Mbits/s Across 2 Etches
Single 3.3-V Supply Operation With 5-V Tolerance on the Transceiver Receive Interface
Allows Utilization of 3-State Drivers as Well as Open-Collector Drivers
Software Compatible With the TSB14CO1APM
Enhanced Compatibility With the 1394 Cable Link Layer. Compatible With 1394–1995 and 1394a–2000
Link Layers; PHY/link Interface is 1394a Compliant
Supports Provisions of IEEE 1394–1995‡§
Extensive Testability and Debug Functions Added. Expanded Register Set Including Automatic Saving of
ID and Priority for Last Node Winning Arbitration
100 MHz or 50 MHz Oscillator Provides Transmit, Receive Data, and Link Layer Controller (LLC) Clocks
Logic Performs System Initialization Arbitration Functions. Encode And Decode Functions Included for
Data-Strobe Bit Level Encoding. Incoming Data Resynchronized to Local Clock.
Operates Over the Extended Temperature Ranges of 0
°C to 70°C (no suffix), –40°C to 85°C (I suffix), and
–40
°C to 105°C (T suffix)
Packaged in the Very Compact 48-Pin 7 x 7 x 1 mm PFB Package
1.3
Ordering Information
ORDERING NUMBER
TEMPERATURE
VCC
PACKAGE
TSB14AA1A
0
°C to 70°C
3.3 V
48-pin PFB
TSB14AA1AI
–40
°C to 85°C
3.3 V
48-pin PFB
TSB14AA1AT
–40
°C to 105°C
3.3 V
48-pin PFB
‡† IEEE Std 1394–1995, IEEE Standard for a High Performance Serial Bus
§ Implements technology covered by one or more patents of Apple Computer, Inc. and ST Microelectronics.
† IEEE Std 1394a–2000, IEEE Standard for a High Performance Serial Bus – Amendment 1


同様の部品番号 - TSB14AA1PFB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB14AA1A TI1-TSB14AA1A Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AI TI1-TSB14AA1AI Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AI TI1-TSB14AA1AI Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AIPFB TI1-TSB14AA1AIPFB Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
More results

同様の説明 - TSB14AA1PFB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB14AA1A TI1-TSB14AA1A_14 Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A_15 Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01A TI-TSB14C01A Datasheet
424Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB21LV03C TI-TSB21LV03C Datasheet
393Kb / 29P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
[Old version datasheet]   3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com