データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSB14AA1PFBG4 データシート(PDF) 9 Page - Texas Instruments

部品番号 TSB14AA1PFBG4
部品情報  3.3 V IEEE 1394-1995 BACKPLANE PHY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSB14AA1PFBG4 データシート(HTML) 9 Page - Texas Instruments

Back Button TSB14AA1PFBG4 Datasheet HTML 5Page - Texas Instruments TSB14AA1PFBG4 Datasheet HTML 6Page - Texas Instruments TSB14AA1PFBG4 Datasheet HTML 7Page - Texas Instruments TSB14AA1PFBG4 Datasheet HTML 8Page - Texas Instruments TSB14AA1PFBG4 Datasheet HTML 9Page - Texas Instruments TSB14AA1PFBG4 Datasheet HTML 10Page - Texas Instruments TSB14AA1PFBG4 Datasheet HTML 11Page - Texas Instruments TSB14AA1PFBG4 Datasheet HTML 12Page - Texas Instruments TSB14AA1PFBG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
1–4
1.5
Terminal Descriptions
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
CLK_SEL0
46
CMOS
I
Clock select 0. If this terminal is set to low (0) then the speed is 98.304 Mbps. If this terminal is set to
high (1) the speed is 49.152 Mbps.
To operate at 100 Mbps requires an input clock of 98.304 MHz. To operate at 49.152 Mbps requires
an input clock of 49.152 MHz.
CLK_SEL1
47
CMOS
I
Clock select 1. CLK_SEL1 must be tied to ground during normal operation.
CTL0, CTL1
7, 8
CMOS
I/O
Control I/O. These are bidirectional signals that communicate between the TSB14AA1A and the
link layer that controls the passage of information between the two devices.
D0, D1
10, 12
CMOS
I/O
Data I/O. These are bidirectional information signals that communicate the data between the
TSB14AA1A and the link layer controller.
EN
38
Supply
I
Enable on-chip regulator. This active low pin enables the 1.8 V on–chip regulator.
EX_ID0
19
CMOS
I
External ID 0. The state of this pin sets the value of bit 0 of the PHYSICAL_ID field in the NODE ID
Register upon hardware or SWHRST reset. The register bit may be modified by software.
EX_ID1
20
CMOS
I
External ID 1. The state of this pin sets the value of bit 1 of the PHYSICAL_ID field in the NODE ID
register upon hardware or SWHRST reset. The register bit may be modified by software.
EX_ID2
21
CMOS
I
External ID 2. The state of this pin sets the value of bit 2 of the PHYSICAL_ID field in the NODE ID
register upon hardware or SWHRST reset. The register bit may be modified by software.
EX_ID3
22
CMOS
I
External ID 3. The state of this pin sets the value of bit 3 of the PHYSICAL_ID field in the NODE ID
register upon hardware or SWHRST reset. The register bit may be modified by software.
EX_ID4
23
CMOS
I
External ID 4. The state of this pin sets the value of bit 4 of the PHYSICAL_ID field in the NODE ID
register upon hardware or SWHRST reset. The register bit may be modified by software.
EX_ID5
24
CMOS
I
External ID 5. The state of this pin sets the value of bit 5 of the PHYSICAL_ID field in the NODE ID
register upon hardware or SWHRST reset. The register bit may be modified by software.
EX_PR0
13
CMOS
I
External priority 0. The state of this pin sets the value of bit 0 of the PRIORITY field in the PRIORITY
register upon hardware or SWHRST reset. The register bit may be modified by software.
EX_PR1
14
CMOS
I
External priority 1. The state of this pin sets the value of bit 1 of the PRIORITY field in the PRIORITY
register upon hardware or SWHRST reset. The register bit may be modified by software.
EX_PR2
15
CMOS
I
External priority 2. The state of this pin sets the value of bit 2 of the PRIORITY field in the PRIORITY
register upon hardware or SWHRST reset. The register bit may be modified by software.
EX_PR3
16
CMOS
I
External priority 3. The state of this pin sets the value of bit 3 of the PRIORITY field in the PRIORITY
register upon hardware or SWHRST reset. The register bit may be modified by software.
GND
4, 18, 28,
32, 34, 44
Supply
Ground voltage reference
IDS
9
CMOS
I
Invert data strobe. When this pin is set low, the TDATA, TSTRB, RDATA, RSTRB, OCDOE, and
TDOE pins operate normally (i.e., true). When this pin is set high, these six pins are inverted.
LINKON
2
CMOS
O
Link-On output. This pin notifies the LLC to power-up and become active. LINKON is a square-wave
signal with a frequency between 4 and 8 MHz when active. LINKON is otherwise driven low, except
during a hardware reset when it is high impedance.
LINKON is activated if the LPS is inactive (LLC inactive) and when the PHY receives a link-on PHY
packet addressed to this node.
Once activated, LINKON will continue active until the LPS becomes active (LLC active). The PHY
also deasserts (low) LINKON when a bus-reset occurs.


同様の部品番号 - TSB14AA1PFBG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB14AA1A TI1-TSB14AA1A Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AI TI1-TSB14AA1AI Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AI TI1-TSB14AA1AI Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AIPFB TI1-TSB14AA1AIPFB Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
More results

同様の説明 - TSB14AA1PFBG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB14AA1A TI1-TSB14AA1A_14 Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A_15 Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01A TI-TSB14C01A Datasheet
424Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB21LV03C TI-TSB21LV03C Datasheet
393Kb / 29P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
[Old version datasheet]   3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com