データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68332VR16 データシート(PDF) 8 Page - ATMEL Corporation

部品番号 TS68332VR16
部品情報  High performance 32-bit integrated microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332VR16 データシート(HTML) 8 Page - ATMEL Corporation

Back Button TS68332VR16 Datasheet HTML 4Page - ATMEL Corporation TS68332VR16 Datasheet HTML 5Page - ATMEL Corporation TS68332VR16 Datasheet HTML 6Page - ATMEL Corporation TS68332VR16 Datasheet HTML 7Page - ATMEL Corporation TS68332VR16 Datasheet HTML 8Page - ATMEL Corporation TS68332VR16 Datasheet HTML 9Page - ATMEL Corporation TS68332VR16 Datasheet HTML 10Page - ATMEL Corporation TS68332VR16 Datasheet HTML 11Page - ATMEL Corporation TS68332VR16 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
TS68332
2118A–HIREL–03/02
Scope
This drawing describes the specific requirements for the microcontroller 68332 at 16.78
MHz and 20.97 MHz, in compliance either with MIL-STD-883 class B or Atmel-Grenoble
standard.
Applicable
Documents
MIL-STD-883
1.
MIL-STD-883: test methods and procedures for electronics.
2.
MIL-I-38535: general specifications for microcircuits.
3.
DSCC Drawing: 5962-91501.
Requirements
General
The microcircuits are in accordance with the applicable document and as specified
herein.
Design And Construction
Terminal Connections
Depending on the package, the terminal connections shall be as shown in Figure 2 and
Figure 3.
Lead Material and Finish
Lead material and finish shall be any option of MIL-STD-853.
Package
The macrocircuits are packaged in hermetically sealed ceramic packages which con-
form to case outlines of MIL-M-38510 appendix C (when defined):
132-PIN SQ.PGA UP PAE outline
132-PIN Ceramic CERQUAD
Electrical Characteristics The following ratings define the conditions under which the device operates without
damage. Sections of the device may not operate normally while being exposed to the
electrical extremes and contains circuitry to protect against damage from high static
voltages or electrical fields. It is advised, however, that normal precautions be taken to
avoid application of any voltages higher than maximum-rated voltages to this high-
impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an
appropriate logic voltage (i.e., either V
SS or VDD).


同様の部品番号 - TS68332VR16

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332VR16 ATMEL-TS68332VR16 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
More results

同様の説明 - TS68332VR16

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332 ATMEL-TS68332_05 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
logo
Maxim Integrated Produc...
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
ZA9L1 MAXIM-ZA9L1 Datasheet
61Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32AP7001 ATMEL-AT32AP7001_14 Datasheet
814Kb / 49P
   High Performance, Low Power AVR32 32-Bit Microcontroller
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com