データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1843J883B データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1843J883B
部品情報  Current Mode PWM Controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1843J883B データシート(HTML) 6 Page - Texas Instruments

  UC1843J883B Datasheet HTML 1Page - Texas Instruments UC1843J883B Datasheet HTML 2Page - Texas Instruments UC1843J883B Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 3 page
background image
6
High peak currents associated with capacitive loads ne-
cessitate careful grounding techniques. Timing and by-
pass capacitors should be connected close to pin 5 in a
single point ground. The transistor and 5k potentiometer
are used to sample the oscillator waveform and apply
an adjustable ramp to pin 3.
Shutdown of the UC1842 can be accomplished by two
methods; either raise pin 3 above 1V or pull pin 1 below
a voltage two diode drops above ground. Either method
causes the output of the PWM comparator to be high
(refer to block diagram). The PWM latch is reset domi-
nant so that the output will remain low until the next
clock cycle after the shutdown condition at pin 1 and/or
3 is removed. In one example, an externally latched
shutdown may be accomplished by adding an SCR
which will be reset by cycling VCC below the lower
UVLO threshold. At this point the reference turns off, al-
lowing the SCR to reset.
UC1842/3/4/5
UC2842/3/4/5
OUTPUT SATURATION CHARACTERISTICS
ERROR AMPLIFIER OPEN-LOOP
FREQUENCY RESPONSE
OPEN-LOOP LABORATORY FIXTURE
SHUT DOWN TECHNIQUES


同様の部品番号 - UC1843J883B

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1843J883B TI1-UC1843J883B Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843J883B TI1-UC1843J883B Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843J883B TI-UC1843J883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843J883B TI-UC1843J883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843J883B TI-UC1843J883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC1843J883B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com