データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM2520F3C03-P22 データシート(PDF) 3 Page - Kingbright Corporation

部品番号 AM2520F3C03-P22
部品情報  Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM2520F3C03-P22 データシート(HTML) 3 Page - Kingbright Corporation

  AM2520F3C03-P22 Datasheet HTML 1Page - Kingbright Corporation AM2520F3C03-P22 Datasheet HTML 2Page - Kingbright Corporation AM2520F3C03-P22 Datasheet HTML 3Page - Kingbright Corporation AM2520F3C03-P22 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAO8894 / 1202000467 Rev No: V.2A
Date: 01/03/2018
Page 3 / 4
0
10
20
30
40
50
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
60
70
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
INFRARED
0%
20%
40%
60%
80%
100%
550
600
650
700
750
800
850
900
950
1000 1050
Ta = 25 °C
F3
Wavelength (nm)
TECHNICAL DATA
RELATIVE INTENSITY vs. WAVELENGTH
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
0.5
0.5
0.0
-90°
-75°
-60°
-45°
-30°
-15°
75°
60°
45°
30°
15°
90°
1.0
1.0
Ta = 25 °C
SPATIAL DISTRIBUTION
AM2520F3C03-P22
Forward Current vs.
Forward Voltage
Radiant Intensity vs.
Forward Current
Forward Current Derating Curve
Radiant Intensity vs.
Ambient Temperature
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.


同様の部品番号 - AM2520F3C03-P22

メーカー部品番号データシート部品情報
logo
HK TO-GRACE TECHNOLOGY ...
AM2520F3C03-P22 TO-GRACE-AM2520F3C03-P22 Datasheet
1Mb / 4P
   Infrared Emitting Diode
More results

同様の説明 - AM2520F3C03-P22

メーカー部品番号データシート部品情報
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
   Infrared-Emitting Diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
MI33T MICRO-ELECTRONICS-MI33T Datasheet
95Kb / 3P
   INFRARED EMITTING DIODE
MI51TA-2 MICRO-ELECTRONICS-MI51TA-2 Datasheet
47Kb / 1P
   INFRARED EMITTING DIODE
MIB57T-J MICRO-ELECTRONICS-MIB57T-J Datasheet
85Kb / 2P
   INFRARED EMITTING DIODE
MIB57T-K MICRO-ELECTRONICS-MIB57T-K Datasheet
84Kb / 2P
   INFRARED EMITTING DIODE
logo
Sharp Corporation
GL710 SHARP-GL710 Datasheet
36Kb / 2P
   Infrared Emitting Diode
logo
Micro Electronics
MI31T MICRO-ELECTRONICS-MI31T Datasheet
79Kb / 2P
   INFRARED EMITTING DIODE
logo
Marktech Corporate
LS880PT MARKTECH-LS880PT Datasheet
140Kb / 1P
   Infrared Emitting Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com