データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD214A-B340LR データシート(PDF) 3 Page - Bourns Electronic Solutions

部品番号 CD214A-B340LR
部品情報  Schottky Barrier Rectifier Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B340LR データシート(HTML) 3 Page - Bourns Electronic Solutions

  CD214A-B340LR Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B340LR Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B340LR Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B340LR Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B340LR Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CD214A-B3xRSeriesSchottkyBarrierRectifierChipDiode
Performance Graphs
Forward Current Derating Curve
Maximum Peak Forward Surge Current
3.0
1.0
2.0
0
02550
75
100
125
150
LeadTemperature(°C)
RESISTIVEOR
INDUCTIVELOAD
PCBMOUNTEDON
5.0x5.0MM(0.2x0.2IN.)
COPPERPADAREAS
80
10
20
30
40
50
60
70
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.01
0.10
1
10
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
InstantaneousForwardVoltage(Volts)
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
0.01
0.1
1
10
100
0.001
020
40
60
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=100°C
TJ=100°C
TJ=80°C
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
TJ=25°C
TJ=25°C
1000
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
CD214A-B3SERIES
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryin
differentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Typical Instantaneous Forward Characteristics
Typical Reverse Characteristics
Typical Junction Capacitance
3.0
1.0
2.0
0
02550
75
100
125
150
LeadTemperature(°C)
RESISTIVEOR
INDUCTIVELOAD
PCBMOUNTEDON
5.0x5.0MM(0.2x0.2IN.)
COPPERPADAREAS
80
10
20
30
40
50
60
70
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.01
0.10
1
10
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
InstantaneousForwardVoltage(Volts)
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
0.01
0.1
1
10
100
0.001
020
40
60
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=100°C
TJ=100°C
TJ=80°C
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
TJ=25°C
TJ=25°C
1000
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
CD214A-B3SERIES
3.0
1.0
2.0
0
02550
75
100
125
150
LeadTemperature(°C)
RESISTIVEOR
INDUCTIVELOAD
PCBMOUNTEDON
5.0x5.0MM(0.2x0.2IN.)
COPPERPADAREAS
80
10
20
30
40
50
60
70
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.01
0.10
1
10
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
InstantaneousForwardVoltage(Volts)
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
0.01
0.1
1
10
100
0.001
020
40
60
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=100°C
TJ=100°C
TJ=80°C
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
TJ=25°C
TJ=25°C
1000
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
CD214A-B3SERIES
3.0
1.0
2.0
0
02550
75
100
125
150
LeadTemperature(°C)
RESISTIVEOR
INDUCTIVELOAD
PCBMOUNTEDON
5.0x5.0MM(0.2x0.2IN.)
COPPERPADAREAS
80
10
20
30
40
50
60
70
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.01
0.10
1
10
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
InstantaneousForwardVoltage(Volts)
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
0.01
0.1
1
10
100
0.001
020
40
60
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=100°C
TJ=100°C
TJ=80°C
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
TJ=25°C
TJ=25°C
1000
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
CD214A-B3SERIES
3.0
1.0
2.0
0
02550
75
100
125
150
LeadTemperature(°C)
RESISTIVEOR
INDUCTIVELOAD
PCBMOUNTEDON
5.0x5.0MM(0.2x0.2IN.)
COPPERPADAREAS
80
10
20
30
40
50
60
70
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.01
0.10
1
10
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
InstantaneousForwardVoltage(Volts)
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
0.01
0.1
1
10
100
0.001
020
40
60
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=100°C
TJ=100°C
TJ=80°C
CD214A-B320R,-B340R
CD214A-B360R
CD214A-B320LR,-B340LR
TJ=25°C
TJ=25°C
1000
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
CD214A-B3SERIES


同様の部品番号 - CD214A-B340LR

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214A-B340L BOURNS-CD214A-B340L Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B340L BOURNS-CD214A-B340L Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B340LF BOURNS-CD214A-B340LF Datasheet
167Kb / 5P
   CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214A-B340LLF BOURNS-CD214A-B340LLF Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results

同様の説明 - CD214A-B340LR

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com