データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD214C-S3X データシート(PDF) 3 Page - Bourns Electronic Solutions

部品番号 CD214C-S3X
部品情報  Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214C-S3X データシート(HTML) 3 Page - Bourns Electronic Solutions

  CD214C-S3X Datasheet HTML 1Page - Bourns Electronic Solutions CD214C-S3X Datasheet HTML 2Page - Bourns Electronic Solutions CD214C-S3X Datasheet HTML 3Page - Bourns Electronic Solutions CD214C-S3X Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD214C-S3xSeriesRectifierChipDiode
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Dimension
CD214C-S3 Series
A
8.0 ± 0.10
(0.315 ± 0.004)
B
5.0 ± 0.10
(0.197 ± 0.004)
C
3.90
(0.154) TYP.
D
0.80 ± 0.02
(0.031 ± 0.001)
E
1.95 ± 0.10
(0.077 ± 0.004)
F
1.10 ± 0.15
(0.043 ± 0.006)
DIMENSIONS:
MM
(INCHES)
Typical Part Marking
Dimension
CD214C-S3 Series
G
4.10
(0.161) MAX.
H
3.90
(0154) MIN.
I
11.90
(0.469) REF.
How to Order
CD 214C - S 3 D
Common Code
CD = Chip Diode
Package
214C = SMC/DO-214AB Compatible
Model
S = Glass Passivated Rectifier Series
Maximum Average Forward Rectified Current
3 = 3 A
Maximum Repetitive Peak Reverse Voltage
D = 200 V
G = 400 V
J = 600 V
K = 800 V
M = 1000 V
Environmental Specifications
Moisture Sensitivity Level................................................................1
ESD Classification (HBM)............................................................. 3B
G
I
C
B
H
A
E
E
D
F
G
I
C
B
H
A
E
E
D
F
S3D
YWW
DATECODE:
Y=LAST
DIGITOF
YEAR
WW=WEEK
NUMBER
DEVICECODE:
S3D=CD214C-S3D
S3G=CD214C-S3G
S3J=CD214C-S3J
S3K=CD214C-S3K
S3M=CD214C-S3M


同様の部品番号 - CD214C-S3X

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214C-B3100R BOURNS-CD214C-B3100R Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B320 BOURNS-CD214C-B320 Datasheet
313Kb / 4P
   CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214C-B320LF BOURNS-CD214C-B320LF Datasheet
313Kb / 4P
   CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214C-B320R BOURNS-CD214C-B320R Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B330 BOURNS-CD214C-B330 Datasheet
313Kb / 4P
   CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
More results

同様の説明 - CD214C-S3X

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214C-FS3X BOURNS-CD214C-FS3X Datasheet
483Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-FS2X BOURNS-CD214B-FS2X Datasheet
483Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-B3XR BOURNS-CD214B-B3XR Datasheet
506Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com