データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5MP645NYFPR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5MP645NYFPR
部品情報  4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5MP645NYFPR データシート(HTML) 1 Page - Texas Instruments

  TS5MP645NYFPR Datasheet HTML 1Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 2Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 3Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 4Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 5Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 6Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 7Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 8Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TS5MP645
4-Data Lane
MIPI Switch
VDD
2.2 µF
1.65 V ± 5.5 V
100 nF
Processor
MIPI Module 1
MIPI Module 2
SEL
/OE
CLK
Data[1:4]
CLK
Data[1:4]
CLK
Data[1:4]
Copyright © 2018, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TS5MP645
SCDS385 – JANUARY 2018
TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
1
1 Features
1
Supply Range of 1.65 V to 5.5 V
10-Channel 2:1 Switch
Powered-Off Protection
I/Os Hi-Z when VDD = 0 V
Low RON of 2.45-Ω Typical
Low CON of 1.5 pF
Minimum bandwidth of 1.5 GHz
Ultra Low Crosstalk of -40 dB
Low Power Disable Mode
1.8-V Compatible Logic Inputs
ESD Protection Exceeds JESD 22
2000-V Human Body Model (HBM)
2 Applications
Mobile Phones
Tablet
PC/Notebook
Virtual Reality
Augmented Reality
3 Description
The TS5MP645 is a four data lane MIPI switch. This
device is an optimized 10 channel (5 differential)
single-pole, double-throw switch for use in high speed
applications. The TS5MP645 is designed to facilitate
multiple MIPI compliant devices to connect to a single
CSI/DSI, C-PHY/D-PHY module.
The device has excellent bandwidth, low channel to
channel skew with little signal degradation, and wide
margins to compensate for layout losses. The low
current consumption meets the need of low power
applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS5MP645
DSBGA (YFP)
2.459 mm x 2.459 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


同様の部品番号 - TS5MP645NYFPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646NYFPR TI1-TS5MP646NYFPR Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646YFPR TI1-TS5MP646YFPR Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
More results

同様の説明 - TS5MP645NYFPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
Diodes Incorporated
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
   2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
   2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
logo
ON Semiconductor
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
   2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
   2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
logo
Fairchild Semiconductor
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
   FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
logo
ON Semiconductor
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
FSA634 ONSEMI-FSA634 Datasheet
986Kb / 8P
   2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch
September, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com