データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LZY-22 データシート(PDF) 1 Page - Mini-Circuits

部品番号 LZY-22
部品情報  High Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LZY-22 データシート(HTML) 1 Page - Mini-Circuits

  LZY-22 Datasheet HTML 1Page - Mini-Circuits LZY-22 Datasheet HTML 2Page - Mini-Circuits LZY-22 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
50
30W
0.1 to 200 MHz
The Big Deal
• High Power Output, 30W typ., from 100 KHz to 200 MHz
• Digitally controlled blanking, isolation 70 dB typ.
• Designed to withstand open or short output load
at full rated power
Product Overview
This ruggedized High Power Amplifier is capable of delivering 30W output signals across its entire operating bandwidth,
from 0.1-200 MHz. Extensive safety features to prevent amplifier damage include over-temperature protection and the
ability to handle short and open loads. The LZY-22+, including heat-sink and cooling fan, is designed for a 24V/5.5A DC
power supply.
Feature
Advantages
30 W Output Power @ 3 dB compression
across 0.1-200 MHz bandwidth
High power output across broad frequency range supports a wide array of applications, from avionics,
broadcasting, medical, and high-power lab testing to marine band, public safety, and aircraft communi-
cations
High Gain, 43 dB typ.
High, consistent gain across entire operating range (flatness ±1.36 dB) for predictable performance and
signal level strength
Blanking Isolation 70dB
Manual or TTL-controlled signal blanking (OFF 0.4 ms; ON 64 ms)
Internal open/short Protection Circuitry
Antenna mismatches or damaged output cables will not cause amplifier damage
Overheat Protection
Automatic shutdown at baseplate temperature of +85 ± 5°C prevents thermal runaway, even during
remote, unmonitored operation in difficult thermal environments.
Unconditionally Stable
No risk of damage to other components from impedance mismatch or internal oscillations
LZY-22+
Key Features
High Power Amplifier
Coaxial
LZY-22+
LZY-22X+


同様の部品番号 - LZY-22

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LZY-1 MINI-LZY-1 Datasheet
183Kb / 2P
   High Power Amplifier 50廓 50W 20 to 512 MHz
More results

同様の説明 - LZY-22

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB54503 FUJITSU-MB54503 Datasheet
46Kb / 8P
   HIGH-POWER AMPLIFIER
logo
Mini-Circuits
ZHL-16W-43 MINI-ZHL-16W-43 Datasheet
388Kb / 3P
   High Power Amplifier
ZHL-40W-372-S MINI-ZHL-40W-372-S Datasheet
1Mb / 8P
   High Power Amplifier
RFE-24M30M075X++ MINI-RFE-24M30M075X+ Datasheet
584Kb / 8P
   High Power Amplifier
REV. OR
ZHL-4W-422 MINI-ZHL-4W-422 Datasheet
346Kb / 3P
   High Power Amplifier
ZHL-30W-252 MINI-ZHL-30W-252 Datasheet
316Kb / 3P
   High Power Amplifier
ZHL-50W-63 MINI-ZHL-50W-63 Datasheet
318Kb / 4P
   High Power Amplifier
ZHL-100W-382A MINI-ZHL-100W-382A Datasheet
309Kb / 4P
   High Power Amplifier
ZHL-100W-63 MINI-ZHL-100W-63 Datasheet
323Kb / 4P
   High Power Amplifier
ZHL-100W-251 MINI-ZHL-100W-251 Datasheet
398Kb / 4P
   High Power Amplifier
HPA-25W-272 MINI-HPA-25W-272 Datasheet
404Kb / 4P
   High Power Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com