データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC082S021CIMM データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC082S021CIMM
部品情報  2 Channel, 200 KSPS, 8-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082S021CIMM データシート(HTML) 1 Page - National Semiconductor (TI)

  ADC082S021CIMM Datasheet HTML 1Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 2Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 3Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 4Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 5Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 6Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 7Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 8Page - National Semiconductor (TI) ADC082S021CIMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADC082S021
2 Channel, 200 KSPS, 8-Bit A/D Converter
General Description
The ADC082S021 is a low-power, two-channel CMOS 8-bit
analog-to-digital converter with a high-speed serial interface.
Unlike the conventional practice of specifying performance
at a single sample rate only, the ADC082S021 is fully speci-
fied over a sample rate range of 50 kSPS to 200 kSPS. The
converter is based on a successive-approximation register
architecture with an internal track-and-hold circuit. It can be
configured to accept one or two input signals at inputs IN1
and IN2.
The output serial data is straight binary, and is compatible
with several standards, such as SPI, QSPI, MICROW-
IRE, and many common DSP serial interfaces.
The ADC082S021 operates with a single supply that can
range from +2.7V to +5.25V. Normal power consumption
using a +3V or +5V supply is 1.6 mW and 5.8 mW, respec-
tively. The power-down feature reduces the power consump-
tion to just 0.12 µW using a +3V supply, or 0.35 µW using a
+5V supply.
The ADC082S021 is packaged in an 8-lead MSOP package.
Operation over the industrial temperature range of −40˚C to
+85˚C is guaranteed.
Features
n
Specified over a range of sample rates.
n
Two input channels
n
Variable power management
n
Single power supply with 2.7V - 5.25V range
Key Specifications
n
DNL
±0.04 LSB (typ)
n
INL
±0.04 LSB (typ)
n
SNR
49.6 dB (typ)
n
Power Consumption
— 3V Supply
1.6 mW (typ)
— 5V Supply
5.8 mW (typ)
Applications
n
Portable Systems
n
Remote Data Aquisitions
n
Instrumentation and Control Systems
Pin-Compatible Alternatives by Resolution and Speed
All devices are fully pin and function compatible.
Resolution
Specified for Sample Rate Range of:
50 to 200 kSPS
200 to 500 kSPS
500 kSPS to 1 MSPS
12-bit
ADC122S021
ADC122S051
ADC122S101
10-bit
ADC102S021
ADC102S051
ADC102S101
8-bit
ADC082S021
ADC082S051
ADC082S101
Connection Diagram
20124805
Ordering Information
Order Code
Temperature Range
Description
Top Mark
ADC082S021CIMM
−40˚C to +85˚C
8-Lead MSOP Package
X16C
ADC082S021CIMMX
−40˚C to +85˚C
8-Lead MSOP Package, Tape & Reel
X16C
ADC082S021EVAL
Evaluation Board
TRI-STATE® is a trademark of National Semiconductor Corporation
QSPIand SPIare trademarks of Motorola, Inc.
April 2005
© 2005 National Semiconductor Corporation
DS201248
www.national.com


同様の部品番号 - ADC082S021CIMM

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC082S021CIMM/NOPB TI1-ADC082S021CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC082S021CIMMX/NOPB TI1-ADC082S021CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results

同様の説明 - ADC082S021CIMM

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com