データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML212SMR-12RI4 データシート(PDF) 2 Page - MicroPower Direct, LLC

部品番号 ML212SMR-12RI4
部品情報  Medical Approved Compact SMT, 2W DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPD [MicroPower Direct, LLC]
ホームページ  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML212SMR-12RI4 データシート(HTML) 2 Page - MicroPower Direct, LLC

  ML212SMR-12RI4 Datasheet HTML 1Page - MicroPower Direct, LLC ML212SMR-12RI4 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. The specified maximum capacitive load is for each output.
2. Load regulation is measured for a load change of 20% to 100%.
3. When measuring output ripple, it is recommended that an external 0.47 µF ceramic
capacitor be placed from the +VOUT pin to the -VOUT pin for single output units and
from each output to common for dual output units. For noise sensitive applications,
the use of 3.3 µF capacitors will reduce the output ripple.
4. Any units that are not packaged in a vacuum sealed container should be stored in a
controlled environment. Contact the factory for more information.
5. The recommended reflow settings are a peak temperature of 245 °C for a maxi-
mum period (TPK) of 10S and a time above liquidous (TL) of <60 seconds at 217 °C.
For more information, please contact the factory.
6. Operation at no-load will not damage these units. However, they may not meet
all specifications.
7. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do
this, connect the load across the positive (+VOUT) and negative (-VOUT) outputs and
float the output common.
8. The converter should be connected to a low ac-impedance source. An input source
with a highly inductive impedance may affect the stability of the converter. In appli-
cations where the converter output loading is high and input power is supplied over
long lines, it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
 at 100 kHz) capacitor
be mounted close to the converter. For 5V input units a 2.2 µF is recommended,
for 12V input units, a 1.0 µF; and for 24V units a 0.47 µF.
9. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
Model
Number
Input
Output
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
ML205SMR-05RI4
5
4.50 - 5.50
606
90
5.0
400.0
8.0
330
66
1,200
ML205SMR-12RI4
5
4.50 - 5.50
600
90
12.0
165.0
3.0
330
66
1,200
ML205SMR-15RI4
5
4.50 - 5.50
605
90
15.0
133.0
2.5
330
66
1,200
ML205DMR-12RI4
5
4.50 - 5.50
553
90
±12.0
±83.0
±1.5
100
72
1,200
ML205DMR-15RI4
5
4.50 - 5.50
542
90
±15.0
±66.0
±1.0
100
73
1,200
ML212SMR-05RI4
12
10.8 - 13.2
253
40
5.0
400.0
8.0
330
66
500
ML212SMR-12RI4
12
10.8 - 13.2
250
40
12.0
165.0
3.0
330
66
500
ML212SMR-15RI4
12
10.8 - 13.2
252
40
15.0
133.0
2.5
330
66
500
ML212DMR-12RI4
12
10.8 - 13.2
224
40
±12.0
±83.0
±1.5
100
74
500
ML212DMR-15RI4
12
10.8 - 13.2
220
40
±15.0
±66.0
±1.0
100
75
500
ML224SMR-05RI4
24
21.6 - 26.4
126
30
5.0
400.0
8.0
330
66
250
ML224SMR-12RI4
24
21.6 - 26.4
125
30
12.0
165.0
3.0
330
66
250
ML224SMR-15RI4
24
21.6 - 26.4
126
30
15.0
133.0
2.5
330
66
250
ML224DMR-12RI4
24
21.6 - 26.4
112
30
±12.0
±83.0
±1.5
100
74
250
ML224DMR-15RI4
24
21.6 - 26.4
110
30
±15.0
±66.0
±1.0
100
75
250
Pin
Single
Dual
1-VIN
-VIN
7NC
NC
8
NC
Common
9+VOUT
+VOUT
10
-VOUT
-VOUT
16
+VIN
+VIN
NC = No Connection
Pin Connections
Derating Curve
Solder Layout


同様の部品番号 - ML212SMR-12RI4

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
ML212S-03 MPD-ML212S-03 Datasheet
1Mb / 5P
   Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML212S-05 MPD-ML212S-05 Datasheet
1Mb / 5P
   Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML212S-05E MPD-ML212S-05E Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
ML212S-05EI MPD-ML212S-05EI Datasheet
579Kb / 2P
   2W, High Isolation Ultra-Miniature SMT DC/DC Converters
ML212S-09E MPD-ML212S-09E Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
More results

同様の説明 - ML212SMR-12RI4

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
   Medical Approved Compact MiniDIP, 2W DC/DC Converters
MD200MEHI MPD-MD200MEHI Datasheet
439Kb / 3P
   Miniature, 2W SIP Medical Approved DC/DC Converters
ML100MRI4 MPD-ML100MRI4 Datasheet
253Kb / 2P
   Medical Approved Compact SMT, 1W DC/DC Con vert ers
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
   Compact MiniDIP, 2W Wide Input Range DC/DC Converters
A200R MPD-A200R Datasheet
94Kb / 2P
   Compact, Regulated, 2W Single & Dual Output DC/DC Converters
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com