データシートサーチシステム |
|
ML212SMR-15RI4 データシート(PDF) 1 Page - MicroPower Direct, LLC |
|
ML212SMR-15RI4 データシート(HTML) 1 Page - MicroPower Direct, LLC |
1 / 2 page www.micropowerdirect.com MicroPower Direct 292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com ML200MRRI4 Medical Approved Compact SMT, 2W DC/DC Converters Input Parameter Conditions Min. Typ. Max. Units Input Voltage Range 5 VDC Input 4.5 5.0 5.5 VDC 12 VDC Input 10.8 12.0 13.2 24 VDC Input 21.6 24.0 26.4 Input Filter Internal Capacitor Output Parameter Conditions Min. Typ. Max. Units Output Voltage Accuracy ±2.0 ±4.0 % Output Voltage Balance Dual Outputs, Balanced Loads ±0.1 ±1.0 % Line Regulation VIN = Min to Max ±1.2 ±1.5 % Load Regulation, See Note 2 5V Output Models ±12 % All Other Models ±10 Ripple & Noise (20 MHz) See Note 3 150 mV P - P Temperature Coefficient ±0.01 ±0.02 %/°C Output Short Circuit Momentary (0.5 Sec.) General Parameter Conditions Min. Typ. Max. Units Isolation Voltage 60 Seconds 4,000 Vrms 1 Second 6,000 VPk Reinforced Insulation Working Voltage 300 Vrms Leakage Current 240 VAC, 60 Hz 2.0 µA Isolation Resistance 500 VDC 10 G Isolation Capacitance 100 kHz, 1V 15 20 pF Switching Frequency 50 80 100 kHz EMI Characteristics Parameter Standard Criteria Level EMC Complies With EN 55011 4TH Edition EMS Complies With EN 60601-1-2 Environmental Parameter Conditions Min. Typ. Max. Units Operating Temperature Range Ambient -25 +80 °C Case +90 °C Storage Temperature Range -50 +125 °C Cooling Free Air Convection Humidity RH, Non-condensing 95 % Physical Case Size See Mechanical Drawing (Page 2) Case Material Non-Conductive Black Plastic (UL94-V0) Weight 0.13 Oz (3.75g) Reliability Specifications Parameter Conditions Min. Typ. Max. Units MTBF MIL HDBK 217F, 25°C, Gnd Benign 2.0 MHours Safety Standards IEC/EN 60601-1, EN 60601-1 3RD Edition, 1xMOPP & 2 x MOOP ANSI/AAMI ES 60601-1, 1xMOPP& 2 x MOOP Recognition, (UL Certificate) ANSI/AAMI ES 60601-1, CAN/CSA-C22.2 No.60601-1 Moisture Sensitivity Level, See Note 4 IPC/JEDEC J-STD-020D.1 Level 2 Absolute Maximum Ratings Parameter Conditions Min. Typ. Max. Units Input Voltage Surge (1 Sec) 5 VDC Input 9.0 VDC 12 VDC Input 18.0 24 VDC Input 30.0 Peak Reflow Temperature See Note 5 245 °C Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings. Electrical Specifications Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice. Key Features: • EN 60601 3RD Ed. Approved • 2W Output Power • 4 kVrms Isolation • Reinforced Insulation • 1 x MOPP & 2 x MOOP per EN 60601-1 3RD Edition & ANSI/AAMI ES 60601-1 • 2 µA Max Leakage Current • Compact SMT Case • Single & Dual Outputs |
同様の部品番号 - ML212SMR-15RI4 |
|
同様の説明 - ML212SMR-15RI4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |