データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT162244CSSX データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74ABT162244CSSX
部品情報  16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT162244CSSX データシート(HTML) 2 Page - Fairchild Semiconductor

  74ABT162244CSSX Datasheet HTML 1Page - Fairchild Semiconductor 74ABT162244CSSX Datasheet HTML 2Page - Fairchild Semiconductor 74ABT162244CSSX Datasheet HTML 3Page - Fairchild Semiconductor 74ABT162244CSSX Datasheet HTML 4Page - Fairchild Semiconductor 74ABT162244CSSX Datasheet HTML 5Page - Fairchild Semiconductor 74ABT162244CSSX Datasheet HTML 6Page - Fairchild Semiconductor 74ABT162244CSSX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Functional Description
The ABT162244 contains sixteen non-inverting buffers with
3-STATE outputs. The device is nibble (4 bits) controlled
with each nibble functioning identically, but independent of
the other. The control pins can be shorted together to
obtain full 16-bit operation.
Logic Diagram
Schematic of each Output
Inputs
Outputs
OE1
I0–I3
O0–O3
LL
L
LH
H
HX
Z
Inputs
Outputs
OE3
I8–I11
O8–O11
LL
L
LH
H
HX
Z
Inputs
Outputs
OE2
I4–I7
O4–O7
LL
L
LH
H
HX
Z
Inputs
Outputs
OE4
I12–I15
O12–O15
LL
L
LH
H
HX
Z


同様の部品番号 - 74ABT162244CSSX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ABT162244CSSX FAIRCHILD-74ABT162244CSSX Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

同様の説明 - 74ABT162244CSSX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2541 FAIRCHILD-74ABT2541 Datasheet
100Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com