データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC-304 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 ADC-304
部品情報  8-Bit, 20MHz, Low-Power Flash A/D Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ADC-304 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  ADC-304 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-304 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-304 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-304 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-304 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MINV
(TTL LEVEL)
ANALOG INPUT
0 to –2V
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
–2V
CLOCK
LINV
(LSB)
(MSB)
VIN
+5V
12
15
BIT 6
BIT 7
16
(LSB) BIT 8
CLOCK
19
ANA GND
20
N.C.
21
ANA IN
22
N.C.
ANA IN
24
N.C.
ANA GND
27
VM
MINV
BIT 5
LINV
DIG GND
+5V
–5.2V
–5.2V
–5.2V
+5V
DIG GND
BIT 4
BIT 3
BIT 2
BIT 1(MSB)
4
3
2
1
5
6
7
8
9
11
23
18
13
14
17
28
26
10
25
–5.2V
VT
VB
MINV
(TTL LEVEL)
ANALOG INPUT
+3 to +5V
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
+3V
CLOCK
(LSB)
(MSB)
VIN
+5V
+5V
12
15
BIT 6
BIT 7
16
(LSB) BIT 8
CLOCK
VT
19
ANA GND
20
N.C.
21
ANA IN
22
N.C.
ANA IN
24
N.C.
ANA GND
27
VM
VB
MINV
BIT 5
LINV
DIG GND
+5V
–5.2V
–5.2V
–5.2V
+5V
DIG GND
BIT 4
BIT 3
BIT 2
BIT 1(MSB)
4
3
2
1
5
6
7
8
9
11
23
18
13
14
17
28
26
10
25
LINV
Figure 4. Connections for +5V Power Supply Operation
Figure 5. Connections for ±5V Power Supply Operation
APPLICATION CIRCUITS
Straight
Complementary
Two’s
Complementary
Binary
Two’s Complement
Complement
Binary
Unipolar
MINV
0
0
1
1
Scale
LINV
0
1
0
1
+FS – 1SLB
+4.9922V
11111111
10000000
01111111
00000000
+7/8FS
+4.7500V
11011111
10100000
01011111
00100000
+3/4FS
+4.5000V
10111111
11000000
00111111
01000000
+1/2FS
+4.0000V
01111111
00000000
11111111
10000000
+1/4FS
+3.5000V
00111111
01000000
10111111
11000000
+1/8FS
+3.2500V
00011111
01100000
10011111
11100000
+1LSB
+3.0078V
00000001
01111110
10000001
11111110
Zero
+3.0000V
00000000
01111111
10000000
11111111
Table 2. Output Coding for ±5V Power Supply Operation (0 to –2V Signal Input)
Straight
Complementary
Two’s
Complementary
Binary
Two’s Complement
Complement
Binary
Unipolar
MINV
0
0
1
1
Scale
LINV
0
1
0
1
Zero
0.0000V
11111111
10000000
01111111
00000000
–1LSB
–0.0078V
11111110
10000001
01111110
00000001
–1/8FS
–0.2500V
11011111
10100000
01011111
00100000
–1/4FS
–0.5000V
10111111
11000000
00111111
01000000
–1/2FS
–1.0000V
01111111
00000000
11111111
10000000
–3/4FS
–1.5000V
00111111
01000000
10111111
11000000
–7/8FS
–1.7500V
00011111
01100000
10011111
11100000
–FS + 1SLB
–1.9922V
00000000
01111111
10000000
11111111
Table 1. Output Coding for +5V Power Supply Operation (+3 to +5V Signal Input)
NOTE: 28-pin DIP package shown
NOTE: 28-pin DIP package shown
®
®
ADC-304
4


同様の部品番号 - ADC-304

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
ADC-302 MURATA-PS-ADC-302 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-305-1 ETC-ADC-305-1 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
More results

同様の説明 - ADC-304

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-207 ETC-ADC-207 Datasheet
212Kb / 6P
   7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
DATEL, Inc.
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com