データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM50DL128BH70I データシート(PDF) 7 Page - Advanced Micro Devices

部品番号 AM50DL128BH70I
部品情報  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM50DL128BH70I データシート(HTML) 7 Page - Advanced Micro Devices

Back Button AM50DL128BH70I Datasheet HTML 3Page - Advanced Micro Devices AM50DL128BH70I Datasheet HTML 4Page - Advanced Micro Devices AM50DL128BH70I Datasheet HTML 5Page - Advanced Micro Devices AM50DL128BH70I Datasheet HTML 6Page - Advanced Micro Devices AM50DL128BH70I Datasheet HTML 7Page - Advanced Micro Devices AM50DL128BH70I Datasheet HTML 8Page - Advanced Micro Devices AM50DL128BH70I Datasheet HTML 9Page - Advanced Micro Devices AM50DL128BH70I Datasheet HTML 10Page - Advanced Micro Devices AM50DL128BH70I Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
October 7, 2003
Am50DL128BH
5
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am50DL128BH
Speed
Options
Standard Voltage
Range: VCC =
2.7–3.3 V
Flash Memory
Pseudo SRAM
56
70
85
56, 70
85
Max Access Time, ns
55
70
85
70
85
Page Access Time (pSRAM), ns
N/A
N/A
N/A
30
35
CE#f Access, ns
55
70
85
70
85
OE# Access, ns
25
30
40
25
30
VSS/VSSQ
VCCs/VSSQ
RESET#
WE#
OE#
CE1#s
LB#s
UB#s
CE#f1
WP#/ACC
CE2s
32 MBit
Pseudo
SRAM
64 MBit
Flash Memory
#2
DQ15/A-1 to DQ0
DQ15/A-1 to DQ0
RY/BY
VSS
VCCf
64 MBit
Flash Memory
#1
A20 to A0
A21 to A0
A21 to A0
CE#f2
DQ15/A-1 to DQ0
VSS
VCCf
RY/BY#
A-1
CIOf
A21 to A0
DQ15/A-1 to D


同様の部品番号 - AM50DL128BH70I

メーカー部品番号データシート部品情報
logo
SPANSION
AM50DL128BH70IS SPANSION-AM50DL128BH70IS Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
AM50DL128BH70IT SPANSION-AM50DL128BH70IT Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
More results

同様の説明 - AM50DL128BH70I

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com