データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT2222A データシート(PDF) 2 Page - Micro Commercial Components

部品番号 PZT2222A
部品情報  NPN Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PZT2222A データシート(HTML) 2 Page - Micro Commercial Components

  PZT2222A Datasheet HTML 1Page - Micro Commercial Components PZT2222A Datasheet HTML 2Page - Micro Commercial Components PZT2222A Datasheet HTML 3Page - Micro Commercial Components PZT2222A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
a
Revision: A
2015/11/18
www.mccsemi.com
2 of 4
Typical Characteristics
PZT2
222A
Micro Commercial Components
M C C
TM
0
300
600
900
1200
0.1
1
10
100
110
100
300
600
900
1200
1
10
100
10
100
1000
110
100
10
100
1000
2
0
8
46
10
12
14
16
0.00
0.05
0.10
0.15
0.20
0.25
1
10
100
10
100
COMMON EMITTER
V
CE= 10V
COLLECTOR CURREMT I
C
(mA)
I
C
——
V
BE
BESE-EMMITER VOLTAGE V
BE (mV)
600
β=10
V
BEsat
——
I
C
T
a=100
T
a=25
600
T
a=100
T
a=25
β=10
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
V
CEsat
——
I
C
600
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 10V
600
COMMON
EMITTER
T
a=25
1mA
900
μA
800
μA
700
μA
600
μA
500
μA
400
μA
300
μA
200
μA
I
B= 100μA
Static Characteristic
COMMON EMITTER
V
CE=10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
500
COLLECTOR CURREMT I
C
(mA)
f
T
——
I
C


同様の部品番号 - PZT2222A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
180Kb / 5P
   NPN General Purpose Amplifier
logo
Siemens Semiconductor G...
PZT2222A SIEMENS-PZT2222A Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
GUANGDONG HOTTECH INDUS...
PZT2222A HOTTECH-PZT2222A Datasheet
379Kb / 2P
   Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
113Kb / 6P
   NPN General Purpose Amplifier
More results

同様の説明 - PZT2222A

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com