データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7554 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC7554
部品情報  12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC7554 データシート(HTML) 4 Page - Texas Instruments

  DAC7554 Datasheet HTML 1Page - Texas Instruments DAC7554 Datasheet HTML 2Page - Texas Instruments DAC7554 Datasheet HTML 3Page - Texas Instruments DAC7554 Datasheet HTML 4Page - Texas Instruments DAC7554 Datasheet HTML 5Page - Texas Instruments DAC7554 Datasheet HTML 6Page - Texas Instruments DAC7554 Datasheet HTML 7Page - Texas Instruments DAC7554 Datasheet HTML 8Page - Texas Instruments DAC7554 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
TIMING CHARACTERISTICS
(1) (2)
SCLK
SYNC
DIN
LD1
LD0
SEL1
SEL1
SEL1
SEL1
SEL0
D11
D1
D0
X
t8
t4
t3
t2
t1
t7
t6
t5
DAC7554
SLAS399A – OCTOBER 2004 – REVISED NOVEMBER 2004
V
DD = 2.7 V to 5.5 V, RL = 2 kΩ to GND; all specifications –40°C to 105°C, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 2.7 V to 3.6 V
20
t1(3)
SCLK cycle time
ns
VDD = 3.6 V to 5.5 V
20
VDD = 2.7 V to 3.6 V
10
t2
SCLK HIGH time
ns
VDD = 3.6 V to 5.5 V
10
VDD = 2.7 V to 3.6 V
10
t3
SCLK LOW time
ns
VDD = 3.6 V to 5.5 V
10
VDD = 2.7 V to 3.6 V
4
SYNC falling edge to SCLK falling edge setup
t4
ns
time
VDD = 3.6 V to 5.5 V
4
VDD = 2.7 V to 3.6 V
5
t5
Data setup time
ns
VDD = 3.6 V to 5.5 V
5
VDD = 2.7 V to 3.6 V
4.5
t6
Data hold time
ns
VDD = 3.6 V to 5.5 V
4.5
VDD = 2.7 V to 3.6 V
0
t7
SCLK falling edge to SYNC rising edge
ns
VDD = 3.6 V to 5.5 V
0
VDD = 2.7 V to 3.6 V
20
t8
Minimum SYNC HIGH time
ns
VDD = 3.6 V to 5.5 V
20
(1)
All input signals are specified with tR = tF = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See Serial Write Operation timing diagram Figure 1.
(3)
Maximum SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V.
Figure 1. Serial Write Operation
4


同様の部品番号 - DAC7554

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7554 TI1-DAC7554 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGS TI1-DAC7554IDGS Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSG4 TI1-DAC7554IDGSG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSR TI1-DAC7554IDGSR Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC7554

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com