データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VZH データシート(PDF) 1 Page - Yellow Stone Corp

部品番号 VZH
部品情報  CHIP TYPE Aluminum Electolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YSTONE [Yellow Stone Corp]
ホームページ  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

VZH データシート(HTML) 1 Page - Yellow Stone Corp

  VZH Datasheet HTML 1Page - Yellow Stone Corp VZH Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CHIP TYPE Aluminum Electolytic Capacitors
VZH
Chip Type, 105ºC Low Impedance, Large Capacitance Capacitors
 4
 ~ 18, 105℃, 2,000 ~ 5,000 hours assured.
 Large capacitance with ultra low impedance capacitors.
 Designed for surface mounting on high density PC board.
■ SPECIFICATIONS
Item
Performance
Category Temperature Range
55℃~+105℃
Capacitance Tolerance
20%
(20℃, 120Hz)
Leakage Current (
A)
I = 0.01CV or 3 (
A) whichever is greater (after 2 minutes)
Where, C = Rated capacitance in
F;V = Rated DC working voltage in V
Dissipation Factor
(Tan
 at 120Hz, 20℃)
Rated Voltage
6.3
10
16
25
35
50
63
80
100
Tan
 (max)
0.30
0.26
0.22
0.16
0.13
0.10
0.08
0.08
0.07
When the capacitance exceeds 1,000
F, 0.02 shall be added every 1,000F increase.
(20℃)
Low Temperature Characteristics
(at 120Hz)
Impedance ratio shall not exceed the values given in the table below.
Rated voltage (V)
6.3
10
16
25
35
50
63
80
100
Z (
25℃)/ Z (+20℃)
4
3
2
2
2
2
2
2
2
Impedance
Ratio
Z (
55℃)/ Z (+20℃)
8
5
4
3
3
3
3
3
3
Endurance (105℃)
(Applied ripple current)
Test time
2,000 Hrs for
D6.3mm & 86.5L & 107.7L;
5,000 Hrs for
D8mm
Capacitance Change
Within
30% of initial value
Dissipation Factor
Less than 300% of specified value
Leakage Current
Within specified value
* The above Specifications shall be satisfied when the capacitors are restored to 20℃ after the rated voltage applied for
2,000 ~ 5,000 hours at 105℃.
Shelf life (105℃)
Test time
1,000 Hrs
Capacitance Change
Within
30% of initial value
Dissipation Factor
Less than 300% of specified value
Leakage Current
Within specified value
* The above Specifications shall be satisfied when the capacitors are restored to 20℃ after exposing them for 1,000 hours at
105℃ without voltage applied.
Ripple Current &
Frequency Multipliers
Frequency (Hz)
50, 60
120
1k
10k up
Multiplier
0.60
0.70
0.85
1.0
■ OUTLINE DRAWING
Unit:mm
D
L
A
B
C
W
P
0.2 Fig. No.
4
5.7
 0.3 4.3
4.3
5.1 0.5 ~ 0.8
1.0
1
5
5.7
 0.3 5.3
5.3
5.9 0.5 ~ 0.8
1.5
1
6.3
5.7
 0.3 6.6
6.6
7.2 0.5 ~ 0.8
2.0
1
6.3
7.7
 0.3 6.6
6.6
7.2 0.5 ~ 0.8
2.0
1
8
6.5
 0.3 8.4
8.4
9.0 0.5 ~ 0.8
2.3
1
8
10
 0.5
8.4
8.4
9.0 0.7 ~ 1.1
3.1
1
10
7.7
 0.3 10.4 10.4 11.0 0.7 ~ 1.3
4.7
1
10
10
 0.5 10.4 10.4 11.0 0.7 ~ 1.3
4.7
1
12.5 13.5
 0.5 13.0 13.0 13.7 1.1 ~ 1.4
4.4
2
12.5 16
 0.5 13.0 13.0 13.7 1.1 ~ 1.4
4.4
2
16 16.5
 0.5 17.0 17.0 18.0 1.1 ~ 1.4
6.4
2
16 21.5
 0.5 17.0 17.0 18.0 1.1 ~ 1.4
6.4
2
18 16.5
 0.5 19.0 19.0 20.0 1.1 ~ 1.4
6.4
2
18 21.5
 0.5 19.0 19.0 20.0 1.1 ~ 1.4
6.4
2
Marking color:Black
D  6.3mm
D = 8 ~ 10 mm
D  12.5 mm


同様の部品番号 - VZH

メーカー部品番号データシート部品情報
logo
Surge Components
VZH SURGE-VZH Datasheet
2Mb / 2P
   SMD Aluminum Eletrolytic Capacitors
logo
RFE international
VZH RFE-VZH Datasheet
767Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
2021.09.09
VZH101M1VTR080100 RFE-VZH101M1VTR080100 Datasheet
767Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
2021.09.09
VZH101MIVTR080100 RFE-VZH101MIVTR080100 Datasheet
122Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
More results

同様の説明 - VZH

メーカー部品番号データシート部品情報
logo
Yellow Stone Corp
RVD YSTONE-RVD Datasheet
1Mb / 2P
   CHIP TYPE Aluminum Electolytic Capacitors
RV5 YSTONE-RV5 Datasheet
1Mb / 2P
   CHIP TYPE Aluminum Electolytic Capacitors
RVJ YSTONE-RVJ Datasheet
955Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
RVS YSTONE-RVS Datasheet
1,009Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
VEJ YSTONE-VEJ Datasheet
1Mb / 2P
   CHIP TYPE Aluminum Electolytic Capacitors
RVZ YSTONE-RVZ Datasheet
1Mb / 2P
   CHIP TYPE Aluminum Electolytic Capacitors
RV2 YSTONE-RV2 Datasheet
1,013Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
RV3 YSTONE-RV3 Datasheet
920Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
logo
Altera Corporation
RYK-10V561MG5T-FL ALTERA-RYK-10V561MG5T-FL Datasheet
97Kb / 1P
   HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RYK-16V471MG5TT-FL ALTERA-RYK-16V471MG5TT-FL Datasheet
87Kb / 2P
   HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com