データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HC237PWT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HC237PWT
部品情報  High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74HC237PWT データシート(HTML) 5 Page - Texas Instruments

  CD74HC237PWT Datasheet HTML 1Page - Texas Instruments CD74HC237PWT Datasheet HTML 2Page - Texas Instruments CD74HC237PWT Datasheet HTML 3Page - Texas Instruments CD74HC237PWT Datasheet HTML 4Page - Texas Instruments CD74HC237PWT Datasheet HTML 5Page - Texas Instruments CD74HC237PWT Datasheet HTML 6Page - Texas Instruments CD74HC237PWT Datasheet HTML 7Page - Texas Instruments CD74HC237PWT Datasheet HTML 8Page - Texas Instruments CD74HC237PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
All
1.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
An to LE Setup Time
tSU
2
50-
-65-75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
An to LE Hold Time
tH
2
30-
-40-45
-
ns
4.5
6-
-8-9-
ns
6
5
-
-
7-8-
ns
CD74HC137, CD74HCT137, CD54HC237, CD74HC237, CD74HCT237


同様の部品番号 - CD74HC237PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC237PWT TI-CD74HC237PWT Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWT TI-CD74HC237PWT Datasheet
668Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWT TI1-CD74HC237PWT Datasheet
1,001Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWTE4 TI-CD74HC237PWTE4 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWTG4 TI-CD74HC237PWTG4 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
More results

同様の説明 - CD74HC237PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC137 TI-CD74HC137_08 Datasheet
668Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_07 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_02 Datasheet
65Kb / 9P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI1-CD74HC137_15 Datasheet
1,001Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com