データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HC237PWT データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HC237PWT
部品情報  High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74HC237PWT データシート(HTML) 9 Page - Texas Instruments

Back Button CD74HC237PWT Datasheet HTML 5Page - Texas Instruments CD74HC237PWT Datasheet HTML 6Page - Texas Instruments CD74HC237PWT Datasheet HTML 7Page - Texas Instruments CD74HC237PWT Datasheet HTML 8Page - Texas Instruments CD74HC237PWT Datasheet HTML 9Page - Texas Instruments CD74HC237PWT Datasheet HTML 10Page - Texas Instruments CD74HC237PWT Datasheet HTML 11Page - Texas Instruments CD74HC237PWT Datasheet HTML 12Page - Texas Instruments CD74HC237PWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-8860601EA
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD54HC237F
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD54HC237F3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD74HC137E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD74HC137PW
ACTIVE
TSSOP
PW
16
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HC137PWR
ACTIVE
TSSOP
PW
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HC137PWT
ACTIVE
TSSOP
PW
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HC237E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD74HC237M
ACTIVE
SOIC
D
16
40
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC237M96
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC237MT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC237NSR
ACTIVE
SO
NS
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC237PW
ACTIVE
TSSOP
PW
16
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HC237PWR
ACTIVE
TSSOP
PW
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HC237PWT
ACTIVE
TSSOP
PW
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HCT137E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD74HCT137M96
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HCT137MT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HCT237E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


同様の部品番号 - CD74HC237PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC237PWT TI-CD74HC237PWT Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWT TI-CD74HC237PWT Datasheet
668Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWT TI1-CD74HC237PWT Datasheet
1,001Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWTE4 TI-CD74HC237PWTE4 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC237PWTG4 TI-CD74HC237PWTG4 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
More results

同様の説明 - CD74HC237PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC137 TI-CD74HC137_08 Datasheet
668Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_07 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_02 Datasheet
65Kb / 9P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI1-CD74HC137_15 Datasheet
1,001Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com