データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UAR12K1CC5P データシート(PDF) 2 Page - Token Electronics Industry Co., Ltd.

部品番号 UAR12K1CC5P
部品情報  High Precision, High Frequency Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOKEN [Token Electronics Industry Co., Ltd.]
ホームページ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UAR12K1CC5P データシート(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UAR12K1CC5P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UAR12K1CC5P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UAR12K1CC5P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UAR12K1CC5P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UAR12K1CC5P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
 Very tight tolerances: down to A2(±0.02%).
 Exceptionally low noise; typically 0.05 μV/V.
 0.125 W to 0.33 W at 85 ℃, Electrical Insulation
> 1000 MΩ.
 Very Low temperature coefficient: ±3, ±5, ±10
and ±15 ppm/℃.
 Excellent high frequency performance, industrial
grades, RoHS Compliant.
Applications :
 All General Purpose Applications,
 Medical Electronics, Current Pulse Limiters,
 Precision Instruments,
 Telecom, Test and Measurement.
The high precision (UAR) resistor represents a significant technical
advancement in resistive technology, combining low temperature
coefficients with high environmental stabilities, and high frequency
performance.
Laser beam trimming gives tolerance accuracies from 0.02 % to 1 %.
The precision (UAR) range effectively bridges the gap that has
hitherto existed between the high precision, high stability networks
or wire wound technology and conventional film technology.
Full lines equate Vishay, IRC, Ohmite, Caddock, and Panasonic precision resistors with fast delivery
and more competitive price.
The metal film series is RoHS compliant with Pb-free terminations. Detailed specifications, both
mechanical and electrical, please contact our sales representative. Besides, you can link to Token
official website "Precision Resistors" to get more information.
Mil-Std-202 Standard:
This standard establishes uniform methods for testing electronic and electrical component parts, including basic
environmental tests to determine resistance to deleterious effects of natural elements and conditions surrounding
military operations, and physical and electrical tests.
Token's low noise precision resistors define accuracy.


同様の部品番号 - UAR12K1CC5P

メーカー部品番号データシート部品情報
logo
Token Electronics Indus...
UAR11010RA2C5P TOKEN-UAR11010RA2C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C6P TOKEN-UAR11010RA2C6P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C7P TOKEN-UAR11010RA2C7P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C9P TOKEN-UAR11010RA2C9P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA5C5P TOKEN-UAR11010RA5C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
More results

同様の説明 - UAR12K1CC5P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RF0505 ETC2-RF0505 Datasheet
40Kb / 1P
   RF series, high-precision, high-frequency chip resistors.
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
Token Electronics Indus...
RJ1622RA5C1P TOKEN-RJ1622RA5C1P Datasheet
354Kb / 3P
   RJ High Precision Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
List of Unclassifed Man...
LM3 ETC-LM3 Datasheet
449Kb / 1P
   HIGH PRECISION PLATE RESISTORS
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com