データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP265W データシート(PDF) 1 Page - TT Electronics.

部品番号 OP265W
部品情報  Plastic Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP265W データシート(HTML) 1 Page - TT Electronics.

  OP265W Datasheet HTML 1Page - TT Electronics. OP265W Datasheet HTML 2Page - TT Electronics. OP265W Datasheet HTML 3Page - TT Electronics. OP265W Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OP265, OP266 Series
(A, B, D, W)
© TT electronics plc
Issue E
07/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each device in the OP265 and OP266 series is a high intensity gallium arsenide infrared emitting diode (GaAIAs) that is
molded in an IR transmissive clear epoxy package with either a dome or flat lens. Devices feature narrow and wide
irradiance patterns and a variety of electrical characteristics. The small T-1 package style makes these devices ideal for
space-limited applications.
OP265 devices conform to the OP505 and OP535 series devices. OP266 devices conform to OP506 series devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Applications:
Space-limited applications
Applications requiring coupling efficiency
Battery-operated or voltage-limited
applications
Features:
 T-1 (3 mm) package style
 Choice of narrow or wide irradiance pattern
 Choice of dome or flat lens
 Mechanically and spectrally matched to other OPTEK devices
 Higher power output than GaAs at equivalent drive currents
 890 nm diodes
Ordering Information
Part
Number
LED Peak
Wavelength
Output Power (mW/cm
2)
Min / Max
IF (mA)
Typ / Max
Total Beam
Angle
Lead
Length
OP265A
890 nm
2.70 / NA
20 / 50
18°
See page
2
OP265B
1.65 / 4.70
OP265D
0.54 / NA
OP265W
1.00 / NA
90°
OP266A
2.70 / NA
18°
OP266B
1.65 / 4.70
OP266D
0.54 / NA
OP266W
1.00 / NA
90°
RoHS


同様の部品番号 - OP265W

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP265W OPTEK-OP265W Datasheet
273Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODE
OP265W OPTEK-OP265W Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
OP265W OPTEK-OP265W Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265WPS OPTEK-OP265WPS Datasheet
366Kb / 3P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
More results

同様の説明 - OP265W

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com