データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UAR121KA2C9P データシート(PDF) 5 Page - Token Electronics Industry Co., Ltd.

部品番号 UAR121KA2C9P
部品情報  High Precision, High Frequency Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOKEN [Token Electronics Industry Co., Ltd.]
ホームページ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UAR121KA2C9P データシート(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  UAR121KA2C9P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UAR121KA2C9P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UAR121KA2C9P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UAR121KA2C9P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UAR121KA2C9P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 4/4
General Information
High Precision Devices Made in Token
Token is equipped to design and produce custom components to meet many design and reliability
demands.
Token's line of high-reliability and precision products reflects a long-term commitment to our
industrial and military customers. In addition to standard industry-grade resistor products, we also
have many resistive products designed to meet various military source-controlled drawings.
We continually strive to meet the changing application requirements of the markets by developing new
products and manufacturing technologies on an on-going basis.
Enhanced Precision and Stability for Low-Cost Uses
Every component Token provides to the commercial, industrial, and military markets for
cost-efficiency uses is backed by the comprehensive testing and failure analysis capabilities of our own
technical staff, whom are industrial experts in understanding and meeting the requirements of the
environment.
Low TCR - Fast Approach to a Steady State
Token Electronics provides a precision Temperature Coefficient of Resistance TCR as low as 2 ppm/℃,
If you must guarantee a smaller resistance change in your application. TCR is the best known
parameter used to specify a resistor’s stability, and is used to depict the resistive element’s sensitivity
to temperature change due to ambient temperature variations.
A resistor's TCR tells how much its value changes as its temperature changes. It is usually expressed in
ppm/℃ (parts per million per degree Centigrade) units.
Long-Term Proven Service
Our technical expertise, our knowledge of the industry, our broad product offering, and our ability to
work long-term are all part of Token’s ongoing commitment to meeting the changing requirements of
our most reliability-conscious customer, today and in the future.


同様の部品番号 - UAR121KA2C9P

メーカー部品番号データシート部品情報
logo
Token Electronics Indus...
UAR11010RA2C5P TOKEN-UAR11010RA2C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C6P TOKEN-UAR11010RA2C6P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C7P TOKEN-UAR11010RA2C7P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C9P TOKEN-UAR11010RA2C9P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA5C5P TOKEN-UAR11010RA5C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
More results

同様の説明 - UAR121KA2C9P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RF0505 ETC2-RF0505 Datasheet
40Kb / 1P
   RF series, high-precision, high-frequency chip resistors.
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
Token Electronics Indus...
RJ1622RA5C1P TOKEN-RJ1622RA5C1P Datasheet
354Kb / 3P
   RJ High Precision Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
List of Unclassifed Man...
LM3 ETC-LM3 Datasheet
449Kb / 1P
   HIGH PRECISION PLATE RESISTORS
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com