データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UAR1210RCC9P データシート(PDF) 3 Page - Token Electronics Industry Co., Ltd.

部品番号 UAR1210RCC9P
部品情報  High Precision, High Frequency Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOKEN [Token Electronics Industry Co., Ltd.]
ホームページ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UAR1210RCC9P データシート(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  UAR1210RCC9P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UAR1210RCC9P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UAR1210RCC9P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UAR1210RCC9P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UAR1210RCC9P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 2/4
Dimensions & Technical Characteristics
Dimensions & Technical Characteristics (UAR)
Type
UAR1/4
UAR1/8
UAR1/10
Power Rating at 85℃ (W)
0.33
0.25
0.125
Max. Working Voltage (V)
300
300
300
Resistance Range (Ω )
500.0~1.0M
100.0~1.0M
100.0~1.0M
Dimensions (Unit: mm)
L±0.3
14.8
10.0
6.8
D±0.3
5.2
3.7
2.5
A±0.05
0.60
0.60
0.60
(UAR) Dimensions
Specification
Specification (UAR)
Tolerance:
±0.02, ±0.05, ±0.10, ±0.25, ±0.5, ±1.0%
Temp. Coefficient:
±3, ±5, ±10, ±15ppm/℃
Standard Temperature Characteristic:
+25 to 85 ℃
On Request:
-10 to +85 ℃
Noise:
less than 0.05 μV/V
Voltage Coefficient:
less than 0.02 ppm/V
Non Linearity (3. Harm):
more than (-100)dB
Thermal Voltage to Copper:
1 ~ 3 μV/℃
Isolations Resistance:
10
10Ω


同様の部品番号 - UAR1210RCC9P

メーカー部品番号データシート部品情報
logo
Token Electronics Indus...
UAR11010RA2C5P TOKEN-UAR11010RA2C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C6P TOKEN-UAR11010RA2C6P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C7P TOKEN-UAR11010RA2C7P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA2C9P TOKEN-UAR11010RA2C9P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
UAR11010RA5C5P TOKEN-UAR11010RA5C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
More results

同様の説明 - UAR1210RCC9P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RF0505 ETC2-RF0505 Datasheet
40Kb / 1P
   RF series, high-precision, high-frequency chip resistors.
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
Token Electronics Indus...
RJ1622RA5C1P TOKEN-RJ1622RA5C1P Datasheet
354Kb / 3P
   RJ High Precision Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
List of Unclassifed Man...
LM3 ETC-LM3 Datasheet
449Kb / 1P
   HIGH PRECISION PLATE RESISTORS
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com