データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RCAT-04 データシート(PDF) 1 Page - Mini-Circuits

部品番号 RCAT-04
部品情報  Fixed Attenuator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RCAT-04 データシート(HTML) 1 Page - Mini-Circuits

  RCAT-04 Datasheet HTML 1Page - Mini-Circuits RCAT-04 Datasheet HTML 2Page - Mini-Circuits RCAT-04 Datasheet HTML 3Page - Mini-Circuits RCAT-04 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microwave Precision
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
50Ω
2W
DC to 20 GHz
The Big Deal
• Exceptional power handling of 2W
• Wide band width DC to 20 GHz
• Miniature size 2.25 mm x 2.25 mm x 1.1 mm Ceramic package
• Highly reliable and repeatable performance
Product Overview
RCAT attenuators are fixed value absorptive attenuators. The highly precision and repeatable monolithic
attenuator chip is processed using the most advanced semiconductor processing techniques. The Cu filled
through-die via’s and Cu metallization on the backside provides a very low thermal resistance path to
dissipate the attenuated power. The attenuator chip is packaged in an LTCC hermetic package utilizing fully
automated and highly reliable manufacturing processes.
Feature
Advantages
Max power input 2W
Thermally optimized design can operate reliably at much higher input power as com-
pared to similar devices
Band width DC to 20 GHz
Supports a broad band of applications with predictable and repeatable performance,
excellent choice to buffer cascaded reflective components.
Ceramic Hermetic package
Highly reliable hermetic package provides predictable and repeatable performance in
military applications including ground, air, and ship requirements
Very Small Size
Miniature 2.25 mm x 2.25 mm and very low profile of 1.1 mm.
Key Features
RCAT-SERIES


同様の部品番号 - RCAT-04

メーカー部品番号データシート部品情報
logo
Mini-Circuits
RCAT-00 MINI-RCAT-00 Datasheet
592Kb / 4P
   50廓 2W 0dB DC to 20 GHz
RCAT-01 MINI-RCAT-01 Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-01++ MINI-RCAT-01+ Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-02 MINI-RCAT-02 Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-02++ MINI-RCAT-02+ Datasheet
244Kb / 4P
   Fixed Attenuator
More results

同様の説明 - RCAT-04

メーカー部品番号データシート部品情報
logo
DAICO Industries, Inc.
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
   Fixed Attenuator
logo
Mini-Circuits
LAT-30 MINI-LAT-30 Datasheet
251Kb / 1P
   Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
   Fixed Attenuator
RCAT-06 MINI-RCAT-06 Datasheet
245Kb / 4P
   Fixed Attenuator
KAT-2 MINI-KAT-2 Datasheet
231Kb / 4P
   Fixed Attenuator
logo
Yantel Corporation
FAT1820S2 YANTEL-FAT1820S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT1830S2 YANTEL-FAT1830S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT0660N5 YANTEL-FAT0660N5 Datasheet
136Kb / 2P
   Fixed Attenuator
logo
JFW Industries, Inc.
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
   FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
   FIXED ATTENUATOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com