データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD-FL-18-11 データシート(PDF) 1 Page - PowerDynamics, Inc

部品番号 PD-FL-18-11
部品情報  LED T8 LAMPHOLDER FOR G13 BASE MEDIUM BI-PIN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERDYNAMICS [PowerDynamics, Inc]
ホームページ  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-FL-18-11 データシート(HTML) 1 Page - PowerDynamics, Inc

  PD-FL-18-11 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
1 of 1
SHEET
FLUORESCENT / LED T8 LAMPHOLDER FOR G13 BASE
MEDIUM BI-PIN; NON-SHUNTED; TURN TYPE WITH LOCK
PD-FL-18-11
A
PB
10/26/17
FOR RAPID START; MEDIUM HEIGHT
SPECIFICATIONS:
Housing: Thermoplastic, UL-94V-0 rated
Contacts: Copper alloy
Electrical ratings: 660W, 600V
Applicable Wire type: 18AWG solid copper
Conductor strip length: 9.5mm
Applicable Panel thickness: 1.0 - 1.5mm
For T8 bulb type
For G13 Base
For Rapid Start
I
Certifications:
UL 542
UL 496
CSA 22.2 / 43
R
RoHS
COMPLIANT


同様の部品番号 - PD-FL-18-11

メーカー部品番号データシート部品情報
logo
PowerDynamics, Inc
PD-FL-13 POWERDYNAMICS-PD-FL-13 Datasheet
197Kb / 1P
   LED T8 LAMPHOLDER FOR G13 BASE MEDIUM BI-PIN
More results

同様の説明 - PD-FL-18-11

メーカー部品番号データシート部品情報
logo
PowerDynamics, Inc
PD-FL-13 POWERDYNAMICS-PD-FL-13 Datasheet
197Kb / 1P
   LED T8 LAMPHOLDER FOR G13 BASE MEDIUM BI-PIN
logo
Satco Products, Inc.
S9233 SATCO-S9233 Datasheet
128Kb / 1P
   17.5T8/LED/48-5000K/DLC 17.5 watt T8 LED; Medium bi-pin base; 5000K; 50000 average rated hours; 2230 lumens
06/12 April 2015
logo
Visual Communications C...
CM7272 VCC-CM7272 Datasheet
33Kb / 1P
   Bi-Pin Base
CM7302 VCC-CM7302 Datasheet
36Kb / 1P
   Midget Flange Base, Bi-Pin Base
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
   T8 LED tube
logo
Bright View Electronic ...
BVM-TG40NAD1 BVLED-BVM-TG40NAD1 Datasheet
189Kb / 3P
   1200mm / T9 / G13 LED TUBE
logo
P-tec Corporation
E58I P-TEC-E58I Datasheet
388Kb / 4P
   E58i T8 LED
E68I P-TEC-E68I Datasheet
208Kb / 2P
   E68i T8 LED Tube
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
   QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com