データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13145FTA データシート(PDF) 10 Page - LANSDALE Semiconductor Inc.

部品番号 MC13145FTA
部品情報  UHF Wideband Receiver Subsystem
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13145FTA データシート(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button MC13145FTA Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 13Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.lansdale.com
Page 10 of 17
Issue 0
LANSDALE Semiconductor, Inc.
ML13145
Figure 4. IF Amplifier Functional Diagram
IF Dec1
39
IF In
38
IF Dec2
40
IF Out
41
Σ
RSSI
Pin
Symbol/Type
Description
Description
43
VCC
See Figure 5.
VCC, Positive Supply Voltage
44
Lim In
Limiting Amplifier Input
Limiting amplifier input source impedance is 330 Ω.
This amplifier has 84 dB of gain with 3.0 dB
bandwidth of 40 MHz; this enables the IF and
limiting ampliers chain to hard limit on noise.
45, 46
Lim Dec1,
Lim Dec2
If Decoupling
These pins are decoupled to VCC to provide stable
operation of the 2nd IF limiting amplifier.
7
RSSI
RSSI
The RSSI circuitry in the 2nd, 3rd, & 4th amplifier
stages outputs a current when the output of the
previous stage enters limiting. The net result is a
RSSI current which represents the logarithm of the
IF input voltage. An external resistor to ground is
used to provide a voltage output.
Figure 5. Limiter Amplifier Functional Diagram
Lim Dec1
45
Lim In
44
Lim Dec2
46
RSSI
7
Σ
Lim+
Lim–
Demod


同様の部品番号 - MC13145FTA

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC13145FTA LANSDALE-MC13145FTA Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

同様の説明 - MC13145FTA

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Texas Instruments
LM15851 TI1-LM15851 Datasheet
1Mb / 87P
[Old version datasheet]   Ultra-Wideband RF Sampling Subsystem
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
   Integrated Circuit AM Receiver Subsystem
logo
Quanzhou Jinmei Electro...
PRF949 JMNIC-PRF949_15 Datasheet
117Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR941 PHILIPS-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PRF957 PHILIPS-PRF957 Datasheet
109Kb / 16P
   UHF wideband transistor
1999 Jul 23
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
   UHF wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com