データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12511 データシート(PDF) 7 Page - LANSDALE Semiconductor Inc.

部品番号 ML12511
部品情報  MECL PLL Components Dual Modulus Prescaler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12511 データシート(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML12511 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12511 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12511 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12511 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12511 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12511 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12511 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12511 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12511 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.lansdale.com
Page 7 of 12
Issue 0
LANSDALE Semiconductor, Inc.
ML12509, ML12511, ML12513
Figure 3. AC Voltage Waveforms
MTTL
Out
+In
Q (Pin 3)
Q (Pin 2)
VILmin
VIHmin
–1.5 V
t+ –
t++
20%
80%
50%
50%
50%
50%
t––
t++
Pulse
Generator
4 and 1
Pulse
Generator
3
Divide by 5 — ML12509
Divide by 8 — ML12511
Divide by 10 — ML12513
Divide by 6 — ML12509
Divide by 9 — ML12511
Divide by 11 — ML12513
tsetup1
tsetup2
+1.5 V
50
%
50%
50%
80%
80%
80%
80%
20%
20%
20%
20%
90%
90%
10%
10%
trel2
–1.5 V
VIHmin
VILmin
VIHmin
VILmin
0 V
VEE
trel1
50%
Pulse
Generator
1
Pulse
Generator
2
Q (Pin 2)
Figure 4. Setup and Release Time Waveforms
Pulse
Generator
3
Pulse
Generator
1
Pulse
Generator
2
Q (Pin 2)
VIHmin
VILmin
VIHmin
VILmin
0 V
VEE


同様の部品番号 - ML12511

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12511 LANSDALE-ML12511 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12511/BEA LANSDALE-ML12511/BEA Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
More results

同様の説明 - ML12511

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009 Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013 Datasheet
3Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009_08 Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com