データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12149D データシート(PDF) 8 Page - LANSDALE Semiconductor Inc.

部品番号 MC12149D
部品情報  Low Power Voltage Controlled Oscillator Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12149D データシート(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button MC12149D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12149D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC12149D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12149D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12149D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12149D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC12149D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC12149D Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC12149D Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.lansdale.com
Page 8 of 12
5
10
15
20
25
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
Figure 6. Typical Q/QB Output Power versus Supply, 750 MHz Tank
VCC Supply Voltage (V)
–40°C
+25°C
+85°C
+25°C (LP)
Figure 7. Typical Current Drain versus Supply, 750 MHz Tank
VCC Supply Voltage (V)
CNTL to GND
CNTL–N/C
–40°C
+25°C
+85°C
+25°C (LP)
CNTL to GND
CNTL–N/C
5.0
ML12149
LANSDALE Semiconductor, Inc
Legacy Applications Information
Issue B


同様の部品番号 - MC12149D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12149D MOTOROLA-MC12149D Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Freescale Semiconductor...
MC12149D FREESCALE-MC12149D Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
MC12149D LANSDALE-MC12149D Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
More results

同様の説明 - MC12149D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com