データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12061 データシート(PDF) 1 Page - LANSDALE Semiconductor Inc.

部品番号 ML12061
部品情報  Crystal Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12061 データシート(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12061_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12061_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12061_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12061_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12061_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12061_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12061_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12061_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12061_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.lansdale.com
Page 1 of 9
Issue A
ML12061
Crystal Oscillator
Legacy Device: Motorola MC12061
The ML12061 is for use with an external crystal to form a crys-
tal controlled oscillator. In addition to the fundamental series mode
crystal, two bypass capacitors are required (plus usual power sup-
ply pin bypass capacitors). Translators are provided internally for
MECL and TTL outputs.
• Frequency Range = 2.0 to 20 MHz
• Operating Temperature Range = 0 to + 70°C
• Single Supply Operation: +5.0 Vdc or –5.2 V DC
• Three Outputs Available:
1.Complementary Sine Wave (600 mVpp typ)
2.Complementary MECL
3.Single Ended TTL
P DIP 16 = EP
PLASTIC PACKAGE
CASE 648
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC112061P
ML12061EP
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
Figure 1. Block Diagram
Note: 0.1 µF power supply
pin bypass capacitors
not shown.
Voltage
Reg.
Bias
Bypass
0.1 µF
AGC
Filter
0.1 µF
VCC
Sine Wave
Output
MECL
Output
7
1 VCC
4
3
2
14
15
16
VCC
13
12
11
VCC
Crystal
Osc.
AGC
Ampl./
AGC
Sine
to
MECL
MECL
to
TTL
Trans-
lator
10
TTL
Output
–+
–+
5
6
Crystal
8VEE
VEE
9


同様の部品番号 - ML12061_08

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12061EP LANSDALE-ML12061EP Datasheet
1Mb / 9P
   Crystal Oscillator
More results

同様の説明 - ML12061_08

メーカー部品番号データシート部品情報
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com