データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12179 データシート(PDF) 8 Page - LANSDALE Semiconductor Inc.

部品番号 ML12179
部品情報  500-2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12179 データシート(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML12179 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12179 Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.lansdale.com
Page 8 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12179
1k
10k
100k
1M
10M
40M
170
150
100
50
0
125
75
25
(f) [dBc/Hz] vs f[Hz]
HP 3048A
CARRIER
2200MHz
Figure 13. VCO Output Spectrum with ML12179, VCC = 5.0 V
(ECLiPTEK 8.9 MHz Crystal and ZCOM 2500 VCO)
Figure 14. Typical Phase Noise Plot, 2200 MHz VCO
(With the ML12179 in a Closed Loop)
NOTE: Spurs can be reduced further by narrowing the loop bandwidth of the PLL loop filter and/or
adding an extra filter (Rx/Cx)
Legacy Applications Information


同様の部品番号 - ML12179

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
ML12179-5P LANSDALE-ML12179-5P Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

同様の説明 - ML12179

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Motorola, Inc
MC12179 MOTOROLA-MC12179 Datasheet
343Kb / 11P
   500 - 2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com