データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12149 データシート(PDF) 3 Page - LANSDALE Semiconductor Inc.

部品番号 ML12149
部品情報  Low Power Voltage Controlled Oscillator Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12149 データシート(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML12149 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.lansdale.com
Page 3 of 12
Figure 1. Simplified Schematic
Q3
Q4
Q1 Q2
Q5
Q6
VCC
Q
QB
VCC
GND
VREF
CNTL
136Ω
200Ω
1000Ω
Q2
TANK
VREF
LANSDALE Semiconductor, Inc.
ML12149
OPERATIONAL CHARACTERISTICS
A simplified schematic of the ML12149 is found in Figure 1.
The oscillator incorporates positive feedback by coupling the base
of transistor Q2 to the collector of transistor Q1. In order to mini-
mize interaction between the VCO outputs and the oscillator tank
transistor pair, a buffer is incorporated into the circuit. This differ-
ential buffer is realized by the Q3 and Q4 transistor pair. The dif-
ferential buffer drives the gate which contains the primary open
collector outputs, Q and QB. The output is actually a current
which has been set by an internal bias driver to a nominal current
of 4mA. Additional circuitry is incorporated into the tail of the
current source which allows the current source to be increased to
approximately 10 mA. This is accommodated by the addition of a
resistor which is brought out to the CNTL pin. When this pin is
tied to ground, the additional current is sourced through the cur-
rent source thus increasing the output amplitude of the Q/QB out-
put pair. If less than 10mA of current is needed, a resistor can be
added to ground which reduces the amount of current.
The Q/QB outputs drive an additional differential buffer which
generate the Q2 output signal. To minimize current, the circuit is
realized as an emitter–follower buffer with an on chip pull down
resistor. This output is intended to drive the prescaler input of the
PLL synthesizer block.
APPLICATION INFORMATION
Figure 2 illustrates the external components necessary for the
proper operation of the VCO buffer. The tank circuit configura-
tion in this figure allows the VCO to be tuned across the full
operating voltage of the power supply. This is very important in
3.0 V applications where it is desirable to utilize as much of the
operating supply range as possible so as to minimize the VCO
sensitivity (MHz/V). In most situations, it is desirable to keep the
sensitivity low so the circuit will be less susceptible to external
noise influences. An additional benefit to this configuration is
that additional regulation/ filtering can be incorporated into the
With the AC–coupled tank configuration, the Vtune voltage can
be greater than the VCC voltage supplied to the device. There are
four main areas that the user directly influences the performance
of the VCO. These include Tank Design, Output Termination
Selection, Power Supply Decoupling, and Circuit Board
Layout/Grounding. The design of the tank circuit is critical to the
proper operation of the VCO. This tank circuit directly impacts
the main VCO operating characteristics:
1) Frequency of Operation
2) Tuning Sensitivity
3) Voltage Supply Pushing
4) Phase Noise Performance
The tank circuit, in its simplest form, is realized as an LC cir-
cuit which determines the VCO operating frequency. This is
described in Equation 1.
In the practical case, the capacitor is replaced with a varactor
diode whose capacitance changes with the voltage applied, thus
changing the resonant frequency at which the VCO tank operates.
The capacitive component in Equation 1 also needs to include the
input capacitance of the device and other circuit and parasitic ele-
ments. Typically, the inductor is realized as a surface mount chip
or a wound–coil. In addition, the lead inductance and board
inductance and capacitance also have an impact on the final oper-
ating point.
Equation 1
f=
o
1
2
LC
Vcc line without compromising the tuning range of the VCO.
Issue B


同様の部品番号 - ML12149

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
ML12149-5P LANSDALE-ML12149-5P Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
More results

同様の説明 - ML12149

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com