データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12002 データシート(PDF) 1 Page - LANSDALE Semiconductor Inc.

部品番号 ML12002
部品情報  Analog Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12002 データシート(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12002 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.lansdale.com
Page 1 of 9
Issue A
ML12002
Analog Mixer
Legacy Device: Motorola MC12002
The ML12002 is a double balanced analog mixer, includ-
ing an input amplifier feeding the mixer carrier port and a
temperature compensated bias regulator. The input circuits
for both the amplifier and mixer are differential amplifier
circuits. The on-chip regulator provides all of the required
biasing.
This circuit is designed for use as a balanced mixer in
high-frequency wide-band circuits. Other typical applica-
tions include suppressed carrier and amplitude modulation,
synchronous AM detection, FM detection, phase detection,
and frequency doubling, at frequencies up to UHF.
There are two package offerings:
• Plastic Dual Inline 14 Lead, P Dip.
• Plastic Surface Mount 14 Lead SOIC.
• Operating Temperature Range: TA = –30° to +85°C
P DIP 14 = CP
PLASTIC PACKAGE
CASE 646
14
1
SOG 14 = -5P
SOG
CASE 751A
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 14
MC12002P
ML12002CP
SOG 14
MC12002D
ML12002-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
(Top View)
PIN CONNECTIONS
1
2
3
4
5
6
78
9
10
11
12
13
14
VCC
Resistor Load
Data Output
Data Output
Regulator
Bypass
Mixer Signal
Input
Mixer Signal
Input
Regulator
Bypass
Local Oscillator
Input
Local Oscillator
Input
Alternate Signal
Input
Null Adjust
Null Adjust
VEE
Figure 1. Logic Diagram
2
3
8
9
Local
Oscillator
Inputs
Signal
Inputs
Amplifier
VB
VR
Bias
Regulator
Carrier
Port
Mixer
Signal
Port
VR VB
12
11
Output


同様の部品番号 - ML12002

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12002 LANSDALE-ML12002 Datasheet
971Kb / 9P
   Analog Mixer
ML12002-5P LANSDALE-ML12002-5P Datasheet
971Kb / 9P
   Analog Mixer
ML12002CP LANSDALE-ML12002CP Datasheet
971Kb / 9P
   Analog Mixer
More results

同様の説明 - ML12002

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12002 LANSDALE-ML12002 Datasheet
971Kb / 9P
   Analog Mixer
logo
Motorola, Inc
MC12002 MOTOROLA-MC12002 Datasheet
140Kb / 8P
   ANALOG MIXER
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Maxim Integrated Produc...
MAX2091 MAXIM-MAX2091_V01 Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
logo
American Accurate Compo...
JXWBHP-MM93PG-40 AAC-JXWBHP-MM93PG-40 Datasheet
38Kb / 1P
   Mixer
JXWBHP-T-800-900-7 AAC-JXWBHP-T-800-900-7 Datasheet
36Kb / 1P
   Mixer
JXWBHP-T-3000-4000-12 AAC-JXWBHP-T-3000-4000-12 Datasheet
70Kb / 1P
   Mixer
JXWBHP-T-1000-18500 AAC-JXWBHP-T-1000-18500 Datasheet
71Kb / 1P
   Mixer
JXWBHP-T-2200-2300-10 AAC-JXWBHP-T-2200-2300-10 Datasheet
37Kb / 1P
   Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com