データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12011D データシート(PDF) 11 Page - LANSDALE Semiconductor Inc.

部品番号 MC12011D
部品情報  MECL PLL Components Dual Modulus Prescaler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12011D データシート(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button MC12011D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12011D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12011D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12011D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC12011D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC12011D Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC12011D Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC12011D Datasheet HTML 13Page - LANSDALE Semiconductor Inc. MC12011D Datasheet HTML 14Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.lansdale.com
Page 11 of 14
Issue A
LANSDALE Semiconductor, Inc.
ML12009, ML12011
Figure 5. AC Test Circuit
All Pulse Generators are EH 137 or equiv.
Pulse Generators 1 and 2:
PRF = 10 MHz
PW = 50% Duty Cycle
t + = t – = 2.0 ± 0.2 ns
Pulse Generator 3:
PRF = 2.0 MHz
PW = 50% Duty Cycle
t + = t – = 5.0 ± 0.5 ns
All resistors are +1%.
All input and output cables to the scope are equal lengths of 50 Ω coaxial cable.
The 1950 Ω resistor at Pin 7 and the scope termination impedance constitute a 40 :1 attenuator probe.
CT = 15 pF = total parasitic capacitance which includes probe, wiring, and load capacitance.
Unused output connected to a 50 Ω resistor to ground.
Vin
50
100
Vin
Pulse
Generator
#1
Pulse
Generator
#2
Pulse
Generator
#3
A
MC10109 or equiv.
(Scope Channel A)
50
950
VCC = 2.0 V
25 µF
13
12
11
10
9
15
14
5
4
0.1 µF
+
VEE = –3.0 V
8
MECL
to
MTTL
Trans–
lator
VBB
C
E5
E4
E3
E2
E1
1
6
16
0.1 µF
2
3
7
VEE = –3.0 V
CT
1950
Vout
Vout (Scope Channel B)
Q
Q
50
100
Vin
50
Vin
Vout


同様の部品番号 - MC12011D

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC12011D LANSDALE-MC12011D Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
More results

同様の説明 - MC12011D

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009 Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013 Datasheet
3Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com