データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDA5273C-2CS データシート(PDF) 6 Page - Siemens Semiconductor Group

部品番号 SDA5273C-2CS
部品情報  ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5273C-2CS データシート(HTML) 6 Page - Siemens Semiconductor Group

Back Button SDA5273C-2CS Datasheet HTML 2Page - Siemens Semiconductor Group SDA5273C-2CS Datasheet HTML 3Page - Siemens Semiconductor Group SDA5273C-2CS Datasheet HTML 4Page - Siemens Semiconductor Group SDA5273C-2CS Datasheet HTML 5Page - Siemens Semiconductor Group SDA5273C-2CS Datasheet HTML 6Page - Siemens Semiconductor Group SDA5273C-2CS Datasheet HTML 7Page - Siemens Semiconductor Group SDA5273C-2CS Datasheet HTML 8Page - Siemens Semiconductor Group SDA5273C-2CS Datasheet HTML 9Page - Siemens Semiconductor Group SDA5273C-2CS Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SDA 5273 / 75
SDA 5273-2 / 75-2
Semiconductor Group
6
1997-09-01
1.1
Pin Definitions and Functions
Pin No.
P-SDIP-52-1
Symbol
Function
1
CLK-IO
System clock input/output
2
TCSQ/FLD
Composite sync output/ field output
3
VS/VCS
Vertical sync input/output
4
HS
Horizontal sync input/output
5
XOUT
20.5-MHz crystal oscillator output
6
XIN
20.5-MHz crystal oscillator input
7
GPO
General purpose output
8
TM
Testpin, leave open or connect to
V
SS
9
CVBS
CVBS-video signal input
10
V
DD1
+ 5 V digital supply
11
V
DDA
+ 5 V analog supply
12
V
SSA1
Analog ground
13
V
DD2
+ 5 V digital supply
14
RES
Chip reset
15
V
DD3
+ 5 V digital supply
16
V
REF
+ 3 V reference voltage input
17
V
DD4
+ 5 V digital supply
18
A8
External DRAM-address
19
A7
External DRAM-address
20
A6
External DRAM-address
21
A5
External DRAM-address
22
A4
External DRAM-address
23
A3
External DRAM-address
24
A2
External DRAM-address
25
A1
External DRAM-address
26
A0
External DRAM-address
27
A9
External DRAM-address
28
A10
External DRAM-address
29
A11
External DRAM-address
30
RASQ
Row address strobe (DRAM)
31
WEQ
Write enable (DRAM)
32
D1
External DRAM-data


同様の部品番号 - SDA5273C-2CS

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SDA5231-2 SIEMENS-SDA5231-2 Datasheet
426Kb / 18P
   Data Silcer for Teletext
SDA5231-5 SIEMENS-SDA5231-5 Datasheet
554Kb / 18P
   Data Silcer for Teletext
logo
STMicroelectronics
SDA5243 STMICROELECTRONICS-SDA5243 Datasheet
1Mb / 20P
   COMPUTER-CONTROLLED TELETEXT DECODER
SDA5243/H STMICROELECTRONICS-SDA5243/H Datasheet
1Mb / 20P
   COMPUTER-CONTROLLED TELETEXT DECODER
SDA5243H STMICROELECTRONICS-SDA5243H Datasheet
1Mb / 20P
   COMPUTER-CONTROLLED TELETEXT DECODER
More results

同様の説明 - SDA5273C-2CS

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com