データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1454 データシート(PDF) 3 Page - Zarlink Semiconductor Inc

部品番号 SL1454
部品情報  WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZARLINK [Zarlink Semiconductor Inc]
ホームページ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1454 データシート(HTML) 3 Page - Zarlink Semiconductor Inc

  SL1454 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The SL1454 is a wideband FM demodulator designed to
operate with a carrier frequency between 70MHz and 150MHz.
The internal circuitry of the device is similar to that of the SL1452
except that the quadrature demodulator operates at the input
frequency.
FEATURES
s Excellent Threshold
s Negligible Differential Gain and Phase Errors
s Video Bandwidth Suitable for High Definition TV
s High Sensitivity and Wide Dynamic Range
s Wide Operating Frequency Range: 70 to 150MHz
ORDERING INFORMATION
SL1454 NA DP (14-lead plastic DIL package)
SL1454
WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
2039-2·1
DP8
0V
DEMODULATOR COIL
DEMODULATOR COIL
0V
INPUT SIGNAL
INPUT REF
VCC
VIDEO OUTPUT
1
2
3
4
8
7
6
5
SL1454
Fig. 1 Pin connections - top view
ABSOLUTE MAXIMUM RATINGS
Operating temperature range
Supply voltage, pin 6
Input voltage, pin 7 or 8
Storage temperature
Junction temperature
2
10
°C to180°C
7V
2·5V p-p
2
55
°C to 1150°C
1
175
°C
Fig. 2 Block diagram
DEMODULATOR
INPUT REF
8
7
INPUT SIGNAL
INPUT
AMPLIFIER
3
2
QUADRATURE
DEMODULATOR
COMPONENTS
VIDEO
AMPLIFIER
5
VIDEO OUTPUT
6
VCC
1
0V
4
0V
1k
1k
2k
2k
70p
2p
2p
ADVANCE INFORMATION


同様の部品番号 - SL1454

メーカー部品番号データシート部品情報
logo
Zarlink Semiconductor I...
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1451NADP ZARLINK-SL1451NADP Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1452 ZARLINK-SL1452 Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1452NADP ZARLINK-SL1452NADP Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1452NAMP ZARLINK-SL1452NAMP Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
More results

同様の説明 - SL1454

メーカー部品番号データシート部品情報
logo
Zarlink Semiconductor I...
SL1452 ZARLINK-SL1452 Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
logo
NXP Semiconductors
TDA8012M PHILIPS-TDA8012M Datasheet
94Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1996 Mar 26
TDA8012AM PHILIPS-TDA8012AM Datasheet
99Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1997 May 26
logo
NTE Electronics
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
   Integrated Circuit TV/FM Sound IF Detector
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
AN5220 PANASONIC-AN5220 Datasheet
114Kb / 3P
   TV SOUND IF AMPLIFIER FM DETECTOR CIRCUITS
logo
M/A-COM Technology Solu...
MAAL-009053 MA-COM-MAAL-009053 Datasheet
939Kb / 9P
   Satellite TV Amplifier
logo
NTE Electronics
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
logo
M/A-COM Technology Solu...
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com