データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145106P データシート(PDF) 6 Page - LANSDALE Semiconductor Inc.

部品番号 MC145106P
部品情報  PLL Frequency Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145106P データシート(HTML) 6 Page - LANSDALE Semiconductor Inc.

  MC145106P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.lansdale.com
Page 6 of 8
LANSDALE Semiconductor, Inc.
ML145106
Figure 4. VHF Marine Transceiver Synthesizer
LOCK DETECT
VDD
GND
0.2425 – 0.3825
(0.4850 – 0.7650)
*0.3800
TRANSMIT RANGE
156.025 – 157.425 MHz
*157.4
RECEIVER L.O. RANGE
145.575 – 152.575 MHz
*151.3
MODULATION
5.12 MHz
(10.24 MHz)
VCO AND
BUFFER
LOOP
FILTER
14.29
(28.58)
SIMPLEX
14.75#
(29.50)
DUPLEX
RECEIVE
TRANSMIT
15.36 (30.72)
RECEIVE OFFSET
OSCILLATOR
10 ( 5)
MIXER
TRIPLER
BUFFER
FILTER
PROGRAMMABLE INPUTS
N = 97 TO 153 *152
N 29 – 1
2.5 kHz
(5.0 kHz)
ML145106
PHASE
DETECTOR
29, 210
DIVIDER
2
REF
OSC
TRANSMIT
MODULATION
CIRCUIT
NOTES:
• Receiver IF = 10.7 MHz.
• Low Side Injection.
• Duplex Offset = 4.6 MHz.
• Step Size = 25 kHz.
• Frequencies in MHz unless noted.
• Values in parentheses are for a 5.0 kHz reference frequency.
• Example frequencies for Channel 28 shown by *.
N for Duplex Channels.
Legacy Applications Information
#Can be eliminated by adding 184 to
Issue b


同様の部品番号 - MC145106P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145106P MOTOROLA-MC145106P Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
LANSDALE Semiconductor ...
MC145106P LANSDALE-MC145106P Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
More results

同様の説明 - MC145106P

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com